Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 301 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 301 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 297Page - Exar Corporation XRT7250 Datasheet HTML 298Page - Exar Corporation XRT7250 Datasheet HTML 299Page - Exar Corporation XRT7250 Datasheet HTML 300Page - Exar Corporation XRT7250 Datasheet HTML 301Page - Exar Corporation XRT7250 Datasheet HTML 302Page - Exar Corporation XRT7250 Datasheet HTML 303Page - Exar Corporation XRT7250 Datasheet HTML 304Page - Exar Corporation XRT7250 Datasheet HTML 305Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
282
Setting this bit-field to “1” enables the Transmit Sec-
tion (at the Block Level) for Interrupt Generation.
Conversely, setting this bit-field to “0” disables the
Transmit Section for interrupt generation.
What does it mean for the Transmit Section Inter-
rupts to be enabled or disabled at the Block Lev-
el?
If the Transmit Section is disabled (for interrupt gener-
ation) at the Block Level, then ALL Transmit Section
interrupts are disabled, independent of the interrupt
enable/disable state of the source level interrupts.
If the Transmit Section is enabled (for interrupt gener-
ation) at the block level, then a given interrupt will be
enabled at the source level. Conversely, if the Trans-
mit Section is enabled (for interrupt generation) at the
Block level, then a given interrupt will still be disabled,
if it is disabled at the source level.
As mentioned earlier, the Transmit Section of the
XRT7250 Framer IC contains the Completion of
Transmission of LAPD Message Interrupt.
The Enabling/Disabling and Servicing of this interrupt
is presented below.
5.2.6.1.1
The Completion of Transmission of
the LAPD Message Interrupt
If the Transmit Section interrupts have been enabled
at the Block level, then the user can enable or disable
the Completion of Transmission of a LAPD Message
Interrupt, by writing the appropriate value into Bit 1
(TxLAPD Interrupt Enable) within the Tx E3 LAPD
Status & Interrupt Register (Address = 0x34), as illus-
trated below.
Setting this bit-field to “1’ enables the Completion of
Transmission of a LAPD Message Interrupt. Con-
versely, setting this bit-field to “0” disables the Com-
pletion of Transmission of a LAPD Message interrupt.
5.2.6.1.2
Servicing the Completion of Trans-
mission of a LAPD Message Interrupt
As mentioned previously, once the user commands
the LAPD Transmitter to begin its transmission of a
LAPD Message, it will do the following.
1. It will parse through the contents of the Transmit
LAPD Message Buffer (located at address loca-
tions 0x86 through 0xDD) and search for a string
of five (5) consecutive “1’s”. If the LAPD Trans-
mitter finds a string of five consecutive “1’s”
(within the content of the LAPD Message Buffer,
then it will insert a “0” immediately after this
string.
2. It will compute the FCS (Frame Check Sequence)
value and append this value to the back-end of
the user-message.
3. It will read out of the content of the user (zero-
stuffed) message and will encapsulate this data
into a LAPD Message frame.
4. Finally, it will begin transmitting the contents of
this LAPD Message frame via the “N” bits, within
each outbound E3 frame.
5. Once the LAPD Transmitter has completed its
transmission of this LAPD Message frame (to the
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Enable
Not Used
TxDS3/E3
Interrupt
Enable
One-Second
Interrupt
Enable
R/W
RORO
RO
RORO
R/W
R/W
00
000
000
TXE3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TXDL Start
TXDL Busy
TxLAPD
Interrupt
Enable
TxLAPD
Interrupt
Status
RO
RO
RO
RO
R/W
RO
R/W
RUR
00
000
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com