Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 330 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 330 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 326Page - Exar Corporation XRT7250 Datasheet HTML 327Page - Exar Corporation XRT7250 Datasheet HTML 328Page - Exar Corporation XRT7250 Datasheet HTML 329Page - Exar Corporation XRT7250 Datasheet HTML 330Page - Exar Corporation XRT7250 Datasheet HTML 331Page - Exar Corporation XRT7250 Datasheet HTML 332Page - Exar Corporation XRT7250 Datasheet HTML 333Page - Exar Corporation XRT7250 Datasheet HTML 334Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
311
Table 64 relates the number of rising clock edges (in
the RxOHClk signal, since the RxOHFrame signal
was last sampled "High”) to the E3 Overhead bit that
is being output via the RxOH output pin.
Figure 146 presents the typical behavior of the Re-
ceive Overhead Data Output Interface block, when
Method 1 is being used to sample the incoming E3
overhead bits.
TABLE 63: LISTING AND DESCRIPTION OF THE PIN ASSOCIATED WITH THE RECEIVE OVERHEAD DATA OUTPUT
INTERFACE BLOCK (FOR METHOD 1)
SIGNAL NAME
TYPE
DESCRIPTION
RxOH
Output
Receive Overhead Data Output pin:
The XRT7250 will output the overhead bits, within the incoming E3 frames, via this pin.
The Receive Overhead Data Output Interface block will output a given overhead bit, upon the
falling edge of RxOHClk. Hence, the external data link equipment should sample the data, at
this pin, upon the rising edge of RxOHClk.
NOTE: The XRT7250 will always output the E3 Overhead bits via this output pin. There are no
external input pins or register bit settings available that will disable this output pin.
RxOHClk
Output
Receive Overhead Data Output Interface Clock Signal:
The XRT7250 will output the Overhead bits (within the incoming E3 frames), via the RxOH out-
put pin, upon the falling edge of this clock signal.
As a consequence, the user's data link equipment should use the rising edge of this clock sig-
nal to sample the data on both the RxOH and RxOHFrame output pins.
NOTE: This clock signal is always active.
RxOHFrame
Output
Receive Overhead Data Output Interface - Start of Frame Indicator:
The XRT7250 will drive this output pin "High” (for one period of the RxOHClk signal) whenever
the first overhead bit within a given E3 frame is being driven onto the RxOH output pin.
TABLE 64: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN RXOHCLK, (SINCE
RXOHFRAME WAS LAST SAMPLED "HIGH”) TO THE E3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH
OUTPUT PIN
NUMBER OF RISING CLOCK EDGES IN RXOHCLK
THE OVERHEAD BIT BEING OUTPUT BY THE
XRT7250
0 (Clock edge is coincident with RxOHFrame being detected "High”)
FAS Pattern - Bit 9
1
FAS Pattern - Bit 8
2
FAS Pattern - Bit 7
3
FAS Pattern - Bit 6
4
FAS Pattern - Bit 5
5
FAS Pattern - Bit 4
6
FAS Pattern - Bit 3
7
FAS Pattern - Bit 2
8
FAS Pattern - Bit 1
9
FAS Pattern - Bit 0
10
A Bit
11
N Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com