Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 326 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 326 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 322Page - Exar Corporation XRT7250 Datasheet HTML 323Page - Exar Corporation XRT7250 Datasheet HTML 324Page - Exar Corporation XRT7250 Datasheet HTML 325Page - Exar Corporation XRT7250 Datasheet HTML 326Page - Exar Corporation XRT7250 Datasheet HTML 327Page - Exar Corporation XRT7250 Datasheet HTML 328Page - Exar Corporation XRT7250 Datasheet HTML 329Page - Exar Corporation XRT7250 Datasheet HTML 330Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
307
Table 62 presents the relationship between the con-
tents of RxLAPDType[1:0] and the type of message
received by the LAPD Receiver.
NOTE: Prior to reading in the PMDL Message from the
Receive LAPD Message buffer, the user is urged to read
the state of the RxLAPDType[1:0] bit-fields in order to deter-
mine the size of this message.
5. Inform the Local Microprocessor/External Cir-
cuitry of the receipt of the new LAPD Message
frame.
Finally, after the LAPD Receiver has received and
processed the newly received LAPD Message frame
(per steps 1 through 4, as described above), it will in-
form the local Microprocessor that a LAPD Message
frame has been received and is ready for user-sys-
tem handling. The LAPD Receiver will inform the Mi-
croprocessor/Microcontroller and the external circuit-
ry by:
• Generating a LAPD Message Frame Received
interrupt to the Microprocessor. The purpose of
this interrupt is to let the Microprocessor know that
the Receive LAPD Message buffer contains a new
PMDL Message that needs to be read and pro-
cessed. When the LAPD Receiver generates this
interrupt, it will set bit 0 (RxLAPD Interrupt Status)
within the Rx E3 LAPD Control Register to “1” as
depicted below.
)
• Setting Bit 1 (End of Message) within the Rx E3
LAPD Status Register, to “1” as depicted below.
In summary, Figure 143 presents a flow chart depict-
ing how the LAPD Receiver functions.
TABLE 62: THE RELATIONSHIP BETWEEN THE CONTENTS OF RXLAPDTYPE[1:0] BIT-FIELDS AND THE PMDL
MESSAGE TYPE/SIZE
RXLAPDTYPE[1:0]
PMDL MESSAGE TYPE
PMDL MESSAGE SIZE
00
Test Signal Identification
76 Bytes
01
Idle Signal Identification
76 Bytes
10
CL Path Identification
76 Bytes
11
ITU-T Path Identification
82 Bytes
RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt Enable
RxLAPD
Interrupt Status
RO
RO
RO
RO
RO
R/W
R/W
RUR
00000
0
0
1
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com