Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 325 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 325 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 321Page - Exar Corporation XRT7250 Datasheet HTML 322Page - Exar Corporation XRT7250 Datasheet HTML 323Page - Exar Corporation XRT7250 Datasheet HTML 324Page - Exar Corporation XRT7250 Datasheet HTML 325Page - Exar Corporation XRT7250 Datasheet HTML 326Page - Exar Corporation XRT7250 Datasheet HTML 327Page - Exar Corporation XRT7250 Datasheet HTML 328Page - Exar Corporation XRT7250 Datasheet HTML 329Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
306
The LAPD Receiver will indicate the results of this
FCS Verification process by setting Bit 2 (RxFCS Er-
ror) within the Rx E3 LAPD Status Register, to the ap-
propriate value as tabulated below.
If the LAPD Receiver detects an error in the FCS val-
ue, then it will set the RxFCS Error bit-field to “1”.
Conversely, if the LAPD Receiver does not detect an
error in the FCS value, then it will clear the RxFCS
Error bit-field to “0”.
NOTE: The LAPD Receiver will extract and write the PMDL
Message into the Receive LAPD Message buffer indepen-
dent of the results of FCS Verification. Hence, the user is
urged to validate each PMDL Message that is read in from
the Receive LAPD Message buffer, by first checking the
state of this bit-field.
3. Check and Report the State of the “C/R” Bit-field
After receiving the LAPD Message frame, the LAPD
Receiver will check the state of the “C/R” bit-field,
within octet # 2 of the LAPD Message frame header
and will reflect this value in Bit 3 (Rx CR Type) within
the Rx E3 LAPD Status Register, as depicted below.
When this bit-field is “0”, it means that this LAPD
Message frame is originating from a customer instal-
lation. When this bit-field is “1”, it means that this
LAPD Message frame is originating from a network
terminal.
4. Identify the Type of LAPD Message Frame/PMDL
Message
Next, the LAPD Receiver will check the value of the
first octet within the PMDL Message field, of the
LAPD Message frame. When operating the LAPD
Transmitter, the user is required to write in a byte of a
specific value into the first octet position within the
Transmit LAPD Message buffer. The value of this
byte corresponds to the type of LAPD Message
frame/PMDL Message that is to be transmitted to the
Remote LAPD Receiver. This Message-Type Identifi-
cation octet is transported to the Remote LAPD Re-
ceiver, along with the rest of the LAPD frame. From
this Message Type Identification octet, the LAPD Re-
ceiver will know the type of size of the newly received
PMDL Message. The LAPD Receiver will then reflect
this information in Bits 4 and 5 (RxLAPDType[1:0])
within the Rx E3 LAPD Status Register, as depicted
below.
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
00
000
100
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
00
001
000
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com