Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 323 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 323 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 319Page - Exar Corporation XRT7250 Datasheet HTML 320Page - Exar Corporation XRT7250 Datasheet HTML 321Page - Exar Corporation XRT7250 Datasheet HTML 322Page - Exar Corporation XRT7250 Datasheet HTML 323Page - Exar Corporation XRT7250 Datasheet HTML 324Page - Exar Corporation XRT7250 Datasheet HTML 325Page - Exar Corporation XRT7250 Datasheet HTML 326Page - Exar Corporation XRT7250 Datasheet HTML 327Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
304
Where: Flag Sequence = 0x7E
SAPI + CR + EA = 0x3C or 0x3E
TEI + EA = 0x01
Control = 0x03
The 16 bit FCS is calculated using CRC-16, x16 +
x12 + x5 + 1
The local µP (at the remote terminal), while assem-
bling the LAPD Message frame, will insert an addi-
tional byte at the beginning of the information (pay-
load) field. This first byte of the information field indi-
cates the type and size of the message being trans-
ferred. The value of this information field and the
corresponding message type/size follow:
CL Path Identification
= 0x38 (76 bytes)
IDLE Signal Identification = 0x34 (76 bytes)
Test Signal Identification = 0x32 (76 bytes)
ITU-T Path Identification = 0x3F (82 bytes)
Enabling and Configuring the LAPD Receiver
Before the LAPD Receiver can begin to receive and
process incoming LAPD Message frames, the user
must do two things.
1. Enabling the LAPD Receiver
The LAPD Receiver must be enabled before it can
begin receiving and processing any LAPD Message
frames. The LAPD Receiver can be enabled by writ-
ing a “1” to Bit 2 (RxLAPD Enable) of the Rx E3 LAPD
Control Register, as indicated below.
)
Once the LAPD Receiver has been enabled, it will be-
gin searching for the Flag Sequence octet (0x7E), in
the “N” bit-fields within each incoming E3 frame.
When the LAPD Receiver finds the flag sequence
byte, it will assert the Flag Present bit (Bit 0) within
the Rx E3 LAPD Status Register, as depicted below.
FIGURE 142. LAPD MESSAGE FRAME FORMAT
Flag Sequence (8 bits)
SAPI (6-bits)
C/R
EA
TEI (7 bits)
EA
Control (8-bits)
76 or 82 Bytes of Information (Payload)
FCS - MSB
FCS - LSB
Flag Sequence (8-bits)
RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt Enable
RxLAPD
Interrupt Enable
RO
RO
RO
RO
RO
R/W
R/W
RUR
00000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com