Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 324 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 324 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 320Page - Exar Corporation XRT7250 Datasheet HTML 321Page - Exar Corporation XRT7250 Datasheet HTML 322Page - Exar Corporation XRT7250 Datasheet HTML 323Page - Exar Corporation XRT7250 Datasheet HTML 324Page - Exar Corporation XRT7250 Datasheet HTML 325Page - Exar Corporation XRT7250 Datasheet HTML 326Page - Exar Corporation XRT7250 Datasheet HTML 327Page - Exar Corporation XRT7250 Datasheet HTML 328Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
305
The receipt of the Flag Sequence octet can mean
one of two things.
1. This Flag Sequence byte may be marking the
beginning or end of an incoming LAPD Message
frame.
2. The Received Flag Sequence octet could be just
one of many Flag Sequence octets that are trans-
mitted via the E3 Transport Medium, during idle
periods between the transmission of LAPD Mes-
sage frames.
The LAPD Receiver will negate the Flag Present bit
as soon as it has received an octet that is something
other than the Flag Sequence octet. Once this hap-
pens, the LAPD Receiver should be receiving either
octet # 2 of the incoming LAPD Message, or an
ABORT Sequence (e.g., a string of seven or more
consecutive “1’s”). If this next set of data is an
ABORT Sequence, then the LAPD Receiver will as-
sert the RxABORT bit-field (Bit 6) within the Rx E3
LAPD Status Register, as depicted below.
However, if this next octet is Octet #2 of an incoming
LAPD Message frame, then the LAPD Receiver is be-
ginning to receive a LAPD Message frame.
As the LAPD Receiver receives this LAPD Message
frame, it is reading in the LAPD Message frame oc-
tets, from “N” bit-fields within each incoming E3
frame. Secondly, it is reassembling these bits into a
LAPD Message frame.
Once the LAPD Receiver has received the complete
LAPD Message frame, then it will proceed to perform
the following five (5) steps.
1. PMDL Message Extraction
The LAPD Receiver will extract out the PMDL Mes-
sage, from the newly received LAPD Message frame.
The LAPD Receiver will then write this PMDL Mes-
sage into the Receive LAPD Message buffer within
the Framer IC.
NOTE: As the LAPD Receiver is extracting the PMDL Mes-
sage, from the newly received LAPD Message frame, the
LAPD Receiver will also check the PMDL data for the
occurrence of stuff bits (e.g., “0’s” that were inserted into
the PMDL Message by the Remote LAPD Transmitter, in
order to prevent this data from mimicking the Flag
Sequence byte or an ABORT Sequence), and remove them
prior to writing the PMDL Message into the Receive LAPD
Message Buffer. Specifically, the LAPD Receiver will
search through the PMDL Message data and will remove
any “0” that immediately follows a string of 5 consecutive
“1’s”.
NOTE: For more information on how the LAPD Transmitter
inserted these stuff bits, please see Section 4.2.3.1.
2. FCS (Frame Check Sequence) Word Verification
The LAPD Receiver will compute the CRC-16 value
of the header octets and the PMDL Message octets,
within this LAPD Message frame and will compare it
with the value of the two octets, residing in the FCS
word-field of this LAPD Message frame. If the FCS
value of the newly received LAPD Message frame
matches the locally-computed CRC-16 value, then
the LAPD Receiver will conclude that it has received
this LAPD Message frame in an error-free manner.
However, if the FCS value does not match the locally-
computed CRC-16 value, then the LAPD Receiver
will conclude that this LAPD Message frame is erred.
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
001
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
0
1000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com