Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 321 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 321 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 317Page - Exar Corporation XRT7250 Datasheet HTML 318Page - Exar Corporation XRT7250 Datasheet HTML 319Page - Exar Corporation XRT7250 Datasheet HTML 320Page - Exar Corporation XRT7250 Datasheet HTML 321Page - Exar Corporation XRT7250 Datasheet HTML 322Page - Exar Corporation XRT7250 Datasheet HTML 323Page - Exar Corporation XRT7250 Datasheet HTML 324Page - Exar Corporation XRT7250 Datasheet HTML 325Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
302
Finally, the Receive E3 Framer block will increment
the PMON Parity Error Count registers. The byte for-
mat of these registers are presented below.
The user can determine the number of BIP-4 Errors
that have been detected by the Receive E3 Framer
block, since the last read of these registers. These
registers are reset-upon-read.
Configuring the XRT7250 Framer IC to support
BIP-4 Error Detection
In order to perform BIP-4 checking of each E3 frame,
the user must configure the XRT7250 Framer IC ac-
cordingly, by executing the following steps.
1. Configure the Transmit Section (of the XRT7250
Framer IC) to insert the BIP-4 value into the out-
bound E3 frames. This is accomplished by writ-
ing a “1” into bit-field 7 (Tx BIP-4 Enable) within
the TxE3 Configuration Register, as illustrated
below.
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Status
BIP-4
Error
Interrupt
Status
Framing
Error
Interrupt
Status
Not Used
RO
RO
RO
RO
RUR
RUR
RUR
RUR
00
000
100
PMON PARITY ERROR COUNT REGISTER - MSB (ADDRESS = 0X54)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Parity Error Count - High Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON PARITY ERROR COUNT REGISTER - LSB (ADDRESS = 0X55)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Parity Error Count - Low Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Tx
BIP-4
Enable
TxASourceSel[1:0]
TxNSourceSel[1:0]
Tx AIS
Enable
Tx LOS
Enable
Tx FAS
Source
Select
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
10
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com