Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 317 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 317 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 313Page - Exar Corporation XRT7250 Datasheet HTML 314Page - Exar Corporation XRT7250 Datasheet HTML 315Page - Exar Corporation XRT7250 Datasheet HTML 316Page - Exar Corporation XRT7250 Datasheet HTML 317Page - Exar Corporation XRT7250 Datasheet HTML 318Page - Exar Corporation XRT7250 Datasheet HTML 319Page - Exar Corporation XRT7250 Datasheet HTML 320Page - Exar Corporation XRT7250 Datasheet HTML 321Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
298
Writing a “0” into this bit-field causes the Receive E3
Framer block to declare a FERF condition, if it detects
3 consecutive incoming E3 frames, that have the “A”
bit set to “1”.
Writing a “1” into this bit-field causes the Receive E3
Framer block to declare a FERF condition, if it detects
5 consecutive incoming E3 frames, that have the “A”
bit set to “1”.
Whenever the Receive E3 Framer block declares a
FERF condition, then it will do the following.
• Generate a Change in FERF Condition interrupt to
the MIcroprocessor. Hence, the Receive E3
Framer block will assert Bit 3 (FERF Interrupt Sta-
tus) within the Rx E3 Framer Interrupt Status regis-
ter - 2, as depicted below.
• Set the RxFERF bit-field, within the Rx E3 Configu-
ration/Status Register to “1”, as depicted below.
Clearing the FERF Condition
The Receive E3 Framer block will clear the FERF
condition once it has received a User-Selectable
number of E3 frames with the “A” bit-field being set to
“0” (e.g., no FERF condition). This User-Selectable
number of E3 frames is either 3 or 5 depending upon
the value that has been written into Bit 4 (RxFERF Al-
go) of the Rx E3 Configuration/Status Register, as
discussed above.
Whenever the Receive E3 Framer clears the FERF
status, then it will do the following:
1. Generate a Change in the FERF Status Interrupt
to the Microprocessor.
2. Clear the Bit 0 (RxFERF) within the Rx E3 Con-
figuration & Status register, as depicted below.
RXE3 CONFIGURATION & STATUS REGISTER - 1 G.751 (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Reserved
RxFERF
Algo
Reserved
RxBIP4
RO
RO
RO
R/W
RO
RO
RO
R/W
00
000
000
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Status
BIP-4
Error
Interrupt
Status
Framing
Error
Interrupt
Status
Not Used
RO
RO
RO
RO
RUR
RUR
RUR
RUR
00
001
000
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
01
100
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com