Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 316 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 316 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 312Page - Exar Corporation XRT7250 Datasheet HTML 313Page - Exar Corporation XRT7250 Datasheet HTML 314Page - Exar Corporation XRT7250 Datasheet HTML 315Page - Exar Corporation XRT7250 Datasheet HTML 316Page - Exar Corporation XRT7250 Datasheet HTML 317Page - Exar Corporation XRT7250 Datasheet HTML 318Page - Exar Corporation XRT7250 Datasheet HTML 319Page - Exar Corporation XRT7250 Datasheet HTML 320Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
297
• Assert the RxAIS output pin.
• Set Bit 3 (RxAIS) within the Rx E3 Configuration &
Status Register, as depicted below.
Clearing the AIS Condition
The Receive E3 Framer block will clear the AIS condi-
tion when it detects two consecutive E3 frames, with
eight or more “zeros” in the incoming data stream.
The Receive E3 Framer block will inform the Micro-
processor that the AIS Condition has been cleared
by:
• Generating the Change in AIS Condition Interrupt
to the Microprocessor. Hence, the Receive E3
Framer block will assert Bit 0 (AIS Interrupt Status)
within the Rx E3 Framer Interrupt Status Register -
1.
• Clearing the RxAIS output pin (e.g., toggling it
"Low”).
• Setting the RxAIS bit-field, within the Rx E3 Config-
uration & Status Register to “0”, as depicted below.
5.3.2.9
The Far-End-Receive Failure (FERF)
Condition
Declaring the FERF Condition
The Receive E3 Framer block will declare a Far-End
Receive Failure (FERF) condition if it detects a user-
selectable number of consecutive incoming E3
frames, with the “A” bit-field set to “1”.
This User-selectable number of E3 frames is either 3
or 5, depending upon the value that has been written
into Bit 4 (RxFERF Algo) within the Rx E3 Configura-
tion & Status Register, as depicted below.
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
0
0000
001
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
0
1101
111
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
0
1101
00
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com