Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 315 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 315 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 311Page - Exar Corporation XRT7250 Datasheet HTML 312Page - Exar Corporation XRT7250 Datasheet HTML 313Page - Exar Corporation XRT7250 Datasheet HTML 314Page - Exar Corporation XRT7250 Datasheet HTML 315Page - Exar Corporation XRT7250 Datasheet HTML 316Page - Exar Corporation XRT7250 Datasheet HTML 317Page - Exar Corporation XRT7250 Datasheet HTML 318Page - Exar Corporation XRT7250 Datasheet HTML 319Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
296
• Asserting the RxLOS output pin (e.g., toggling it
"High”).
• Setting Bit 4 (RxLOS) of the Rx E3 Configuration &
Status Register to “1” as depicted below.
• The Receive E3 Framer block will generate a
Change in LOS Condition interrupt request. Upon
generating this interrupt request, the Receive E3
Framer block will assert Bit 1 (LOS Interrupt Status
within the Rx E3 Framer Interrupt Status Register -
1, as depicted below.
Clearing the LOS Condition
The Receive E3 Framer block will clear the LOS con-
dition when it encounters a stream of 32 bits that
does not contain a string of 4 consecutive zeros.
When the Receive E3 Framer block clears the LOS
condition, then it will notify the Microprocessor and
the external circuitry of this occurrence by:
• Generating the Change in LOS Condition Interrupt
to the Microprocessor.
• Clearing Bit 4 (RxLOS) within the Rx E3 Configura-
tion & Status Register, as depicted below.
• Clear the RxLOS output pin (e.g., toggle it "Low”).
5.3.2.8
The AIS (Alarm Indication Status) Con-
dition
Declaring the AIS Condition
The Receive E3 Framer block will identify and declare
an AIS condition, if it detects an All Ones” pattern in
the incoming E3 data stream. More specifically, the
Receive E3 Framer block will declare an AIS Condi-
tion if 7 or less “0’s” are detected in each of 2 consec-
utive E3 frames.
If the Receive E3 Framer block declares an AIS Con-
dition, then it will do the following.
• Generate the Change in AIS Condition Interrupt to
the Microprocessor. Hence, the Receive E3
Framer block will assert Bit 0 (AIS Interrupt Status)
within the Rx E3 Framer Interrupt Status register -
1, as depicted below.
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
01
110
000
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
00
000
010
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
01
100
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com