Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 313 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 313 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 309Page - Exar Corporation XRT7250 Datasheet HTML 310Page - Exar Corporation XRT7250 Datasheet HTML 311Page - Exar Corporation XRT7250 Datasheet HTML 312Page - Exar Corporation XRT7250 Datasheet HTML 313Page - Exar Corporation XRT7250 Datasheet HTML 314Page - Exar Corporation XRT7250 Datasheet HTML 315Page - Exar Corporation XRT7250 Datasheet HTML 316Page - Exar Corporation XRT7250 Datasheet HTML 317Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
294
When the Receive E3 Framer block is operating in the
In-Frame state, it will then begin to perform Frame
Maintenance operations, where it will continue to ver-
ify that the Frame Alignment signal (FAS pattern) is
present, and at its proper location. While the Receive
E3 Framer block is operating in the Frame Mainte-
nance Mode, it will declare an Out-of-Frame (OOF)
Condition if it detects an invalid FAS pattern in four
consecutive frames.
Since the Receive E3 Framer block requires the de-
tection of an invalid FAS pattern in four consecutive
frames, in order for it to transition to the OOF Condi-
tion state, it can tolerate some errors in the Framing
Alignment bytes, and still remain in the In-Frame
state. However, each time the Receive E3 Framer
block detects an error in the FAS pattern, it will incre-
ment the PMON Framing Error Event Count Regis-
ters (Address = 0x52 and 0x53). The bit-format for
these two registers are depicted below.
5.3.2.3
Forcing a Reframe via Software Com-
mand
The XRT7250 Framer IC permits the user to com-
mand a reframe procedure with the Receive E3 Fram-
er block via software command. If the user writes a
“1” into Bit 0 (Reframe) within the I/O Control Register
(Address = 0x01), as depicted below, then the Re-
ceive E3 Framer block will be forced into the FAS Pat-
tern Search state, per Figure 138., and will begin its
search for the FAS Pattern.
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
00
000
111
PMON FRAMING BIT/BYTE ERROR COUNT REGISTER - MSB (ADDRESS = 0X52)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Framing Bit/Byte Error Count - High Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON FRAMING BIT/BYTE ERROR COUNT REGISTER - LSB (ADDRESS = 0X53)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Framing Bit/Byte Error Count - Low Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com