Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 367 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 367 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 363Page - Exar Corporation XRT7250 Datasheet HTML 364Page - Exar Corporation XRT7250 Datasheet HTML 365Page - Exar Corporation XRT7250 Datasheet HTML 366Page - Exar Corporation XRT7250 Datasheet HTML 367Page - Exar Corporation XRT7250 Datasheet HTML 368Page - Exar Corporation XRT7250 Datasheet HTML 369Page - Exar Corporation XRT7250 Datasheet HTML 370Page - Exar Corporation XRT7250 Datasheet HTML 371Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
348
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 163.
6.2.1.5
Mode 5 - The Nibble-Parallel/Local-
Time/Frame-Slave Interface Mode Behavior of the
XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will function as follows:
A. Local Timing - Uses the TxInClk signal as the
Timing Reference
In this mode, the Transmit Section of the XRT7250
will use the TxInClk signal at its timing reference.
Further, the chip will internally divide the TxInClk
clock signal by a factor of 4 and will output this divid-
ed clock signal via the TxNibClk output pin. The
Transmit Terminal Equipment Input Interface block
(within the XRT7250) will use the rising edge of the
TxNibClk signal, to latch the data, residing on the Tx-
Nib[3:0] into its circuitry.
B. Nibble-Parallel Mode
The XRT7250 will accept the DS3 payload data, from
the Terminal Equipment, in a parallel manner, via the
TxNib[3:0] input pins. The Transmit Terminal Equip-
ment Input Interface will latch this data into its circuit-
ry, on the rising edge of the TxNibClk output signal.
C. Delineation of Outbound E3 Frames
The Transmit Section will use the TxInClk input signal
as its timing reference and will use the TxFrameRef
input signal as its Framing Reference (e.g., the Trans-
mit Section of the XRT7250 initiates frame generation
upon the rising edge of the TxFrameRef signal).
D. Sampling of payload data, from the Terminal
Equipment
In Mode 5, the XRT7250 will sample the data, at the
TxNib[3:0] input pins, on the third rising edge of the
TxInClk clock signal, following a pulse in the TxNibClk
signal (see Figure 166).
NOTE: The TxNibClk signal, from the XRT7250 operates
nominally at 8.592 MHz (e.g., 34.368 MHz divided by 4).
Interfacing the Transmit Payload Data Input Inter-
face block of the XRT7250 to the Terminal Equip-
ment for Mode 5 Operation
Figure 165 presents an illustration of the Transmit
Payload Data Input Interface block (within the
XRT7250) being interfaced to the Terminal Equip-
ment, for Mode 5 Operation.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
10
1
0
0
0
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com