Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 363 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 363 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 359Page - Exar Corporation XRT7250 Datasheet HTML 360Page - Exar Corporation XRT7250 Datasheet HTML 361Page - Exar Corporation XRT7250 Datasheet HTML 362Page - Exar Corporation XRT7250 Datasheet HTML 363Page - Exar Corporation XRT7250 Datasheet HTML 364Page - Exar Corporation XRT7250 Datasheet HTML 365Page - Exar Corporation XRT7250 Datasheet HTML 366Page - Exar Corporation XRT7250 Datasheet HTML 367Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
344
In this mode, the Transmit Section of the XRT7250
will use the TxInClk signal as its timing reference.
B. Serial Mode
The XRT7250 will receive the E3 payload data, in a
serial manner, via the TxSer input pin. The Transmit
Payload Data Input Interface (within the XRT7250)
will latch this data into its circuitry, on the rising edge
of the TxInClk input clock signal.
C. Delineation of Outbound DS3 frames (Frame
Master Mode)
The Transmit Section of the XRT7250 will use the Tx-
InClk signal as its timing reference, and will initiate E3
frame generation, asynchronously with respect to any
externally applied signal. The XRT7250 will pulse its
TxFrame output pin "High" whenever its it processing
the very last bit-field within a given E3 frame.
D. Sampling of payload data, from the Terminal
Equipment
In Mode 3, the XRT7250 will sample the data, at the
TxSer input pin, on the rising edge of TxInClk.
Interfacing the Transmit Payload Data Input Inter-
face block of the XRT7250 to the Terminal Equip-
ment for Mode 3 Operation
Figure 161 presents an illustration of the Transmit
Payload Data Input Interface block (within the
XRT7250) being interfaced to the Terminal Equip-
ment, for Mode 3 operation.
Mode 3 Operation of the Terminal Equipment
In Figure 161, both the Terminal Equipment and the
XRT7250 are driven by an external 34.368 MHz clock
signal. This clock signal is connected to the
E3_Clock_In input of the Terminal Equipment and the
TxInClk input pin of the XRT7250.
The Terminal Equipment will serially output the pay-
load data on its E3_Data_Out output pin, upon the
rising edge of the signal at the E3_Clock_In input pin.
Similarly, the XRT7250 will latch the data, residing on
the TxSer input pin, on the rising edge of TxInClk.
The XRT7250 will pulse the TxFrame output pin
"High" for one bit-period, coincident while it is pro-
cessing the last bit-field within a given Outbound E3
frame. The Terminal Equipment is expected to moni-
tor the TxFrame signal (from the XRT7250) and to
place the first bit, within the very next Outbound E3
frame on the TxSer input pin.
NOTE: In this case, the XRT7250 dictates exactly when the
very next E3 frame will be generated. The Terminal Equip-
ment is expected to respond appropriately by providing the
XRT7250 with the first bit of the new E3 frame, upon
demand. Hence, in this mode, the XRT7250 is referred to
as the Frame Master and the Terminal Equipment is
referred to as the Frame Slave.
Finally, the XRT7250 will pulse its TxOH_Ind output
pin, one bit-period prior to it processing a given over-
FIGURE 161. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK OF THE XRT7250 FOR MODE 3 (SERIAL/LOCAL-TIMED/FRAME-MASTER) OPERATION
Terminal Equipment
XRT7250 E3 Framer
E3_Data_Out
E3_Clock_In
Tx_Start_of_Frame
E3_Overhead_Ind
TxSer
TxInClk
TxFrame
TxOH_Ind
NibInt
34.368 MHz Clock
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com