Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 361 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 361 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 357Page - Exar Corporation XRT7250 Datasheet HTML 358Page - Exar Corporation XRT7250 Datasheet HTML 359Page - Exar Corporation XRT7250 Datasheet HTML 360Page - Exar Corporation XRT7250 Datasheet HTML 361Page - Exar Corporation XRT7250 Datasheet HTML 362Page - Exar Corporation XRT7250 Datasheet HTML 363Page - Exar Corporation XRT7250 Datasheet HTML 364Page - Exar Corporation XRT7250 Datasheet HTML 365Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
342
TxFrameRef input signal as its framing reference. In
other words, the Transmit Section of the XRT7250 will
initiate frame generation upon the rising edge of the
TxFrameRef input signal).
D. Sampling of payload data, from the Terminal
Equipment
In Mode 2, the XRT7250 will sample the data, at the
TxSer input pin, on the rising edge of TxInClk.
Interfacing the Transmit Payload Data Input Inter-
face block of the XRT7250 to the Terminal Equip-
ment for Mode 2 Operation
Figure 159 presents an illustration of the Transmit
Payload Data Input Interface block (within the
XRT7250) being interfaced to the Terminal Equip-
ment, for Mode 2 operation.
Mode 2 Operation of the Terminal Equipment
As shown in Figure 159, both the Terminal Equipment
and the XRT7250 will be driven by an external
34.368MHz clock signal. The Terminal Equipment
will receive the 34.368MHz clock signal via its
E3_Clock_In input pin, and the XRT7250 Framer IC
will receive the 34.368MHz clock signal via the TxIn-
Clk input pin.
The Terminal Equipment will serially output the pay-
load data of the Outbound E3 data stream, via the
E3_Data_Out output pin, upon the rising edge of the
signal at the E3_Clock_In input pin. (Note: The
E3_Data_Out output pin of the Terminal Equipment is
electrically connected to the TxSer input pin). The
XRT7250 Framer IC will latch the data, residing on
the TxSer input line, on the rising edge of the TxInClk
signal.
In this case, the Terminal Equipment has the respon-
sibility of providing the framing reference signal by
pulsing its Tx_Start_of_Frame output signal (and in
turn, the TxFrameRef input pin of the XRT7250),
“High” for one-bit period, coincident with the first bit of
a new E3 frame. Once the XRT7250 detects the ris-
ing edge of the input at its TxFrameRef input pin, it
will begin generation of a new E3 frame.
NOTES:
1. In this case, the Terminal Equipment is controlling
the start of Frame Generation, and is therefore
referred to as the Frame Master. Conversely, since
the XRT7250 does not control the generationi of a
new E3 frame, but is rather driven by the Terminal
Equipment, the XRT7250 is referred to as the
Frame Slave.
2. If the user opts to configure the XRT7250 to oper-
ate in Mode 2, it is imperative that the
Tx_Start_of_Frame (or TxFrameRef) signal is syn-
chronized to the TxInClk input clock signal.
Finally, the XRT7250 will pulse its TxOH_Ind output
pin, one bit-period prior to it processing a given over-
head bit, within the Outbound E3 frame. Since the
TxOH_Ind output pin (of the XRT7250) is electrically
FIGURE 159. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK OF THE XRT7250 FOR MODE 2 (SERIAL/LOCAL-TIMED/FRAME-SLAVE) OPERATION
Terminal Equipment
XRT7250 E3 Framer
E3_Data_Out
E3_Clock_In
Tx_Start_of_Frame
E3_Overhead_Ind
TxSer
TxInClk
TxFrameRef
TxOH_Ind
NibInt
34.368 MHz Clock
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com