Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 362 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 362 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 358Page - Exar Corporation XRT7250 Datasheet HTML 359Page - Exar Corporation XRT7250 Datasheet HTML 360Page - Exar Corporation XRT7250 Datasheet HTML 361Page - Exar Corporation XRT7250 Datasheet HTML 362Page - Exar Corporation XRT7250 Datasheet HTML 363Page - Exar Corporation XRT7250 Datasheet HTML 364Page - Exar Corporation XRT7250 Datasheet HTML 365Page - Exar Corporation XRT7250 Datasheet HTML 366Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
343
connected to the E3_Overhead_Ind, whenever the
XRT7250 pulses the TxOH_Ind output pin "High", it
will also be driving the E3_Overhead_Ind input pin (of
the Terminal Equipment) "High". Whenever the Ter-
minal Equipment detects this pin toggling "High", it
should delay transmission of the very next E3 frame
payload bit by one clock cycle.
The behavior of the signals between the XRT7250
and the Terminal Equipment for E3 Mode 2 Operation
is illustrated in Figure 160.
How to configure the XRT7250 to operate in this
mode.
1. Set the NibIntf input pin "Low".
2. Set the TimRefSel[1:0] bit-fields (within the
Framer Operating Mode Register) to "01" as
depicted below.
3. Interface the XRT7250, to the Terminal Equip-
ment, as illustrated in Figure 159.
6.2.1.3
Mode 3 - The Serial/Local-Timed/
Frame-Master ModeBehavior of the XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will function as follows.
A. Local Timed - Uses the TxInClk signal as the
Timing Reference
FIGURE 160. BEHAVIOR OF THE TERMINAL INTERFACE SIGNALS BETWEEN THE XRT7250 AND THE TERMINAL
EQUIPMENT (MODE 2 OPERATION)
Terminal Equipment Signals
E3_Clock_In
E3_Data_Out
Tx_Start_of_Frame
E3_Overhead_Ind
XRT7250 Transmit Payload Data I/F Signals
TxInClk
TxSer
TxFrame
TxOH_Ind
Payload[4238]
Payload[4239]
FA1, Bit 7
FA1, Bit 6
Payload[4238]
Payload[4239]
FA1, Bit 7
FA1, Bit 6
Note: The FA1 byte will not be processed by the
Transmit Payload Data Input Interface.
E3 Frame Number N
E3 Frame Number N + 1
Note: RxFrame pulses high to denote
E3 Frame Boundary.
Note: TxOH_Ind pulses high for
16 bit periods in order to
denote Overhead Data
(e.g., the FA1 and FA2 bytes)
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1
BIT 0
Local Loopback
DS3/E3*
Internal LOS
Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
1
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com