Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 359 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 359 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 355Page - Exar Corporation XRT7250 Datasheet HTML 356Page - Exar Corporation XRT7250 Datasheet HTML 357Page - Exar Corporation XRT7250 Datasheet HTML 358Page - Exar Corporation XRT7250 Datasheet HTML 359Page - Exar Corporation XRT7250 Datasheet HTML 360Page - Exar Corporation XRT7250 Datasheet HTML 361Page - Exar Corporation XRT7250 Datasheet HTML 362Page - Exar Corporation XRT7250 Datasheet HTML 363Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
340
Mode 1 Operation of the Terminal Equipment
When the XRT7250 is operating in this mode it will
function as the source of the 34.368MHz clock signal.
This clock signal will be used as the Terminal Equip-
ment Interface clock by both the XRT7250 IC and the
Terminal Equipment.
The Terminal Equipment will serially output the pay-
load data of the Outbound E3 data stream via its
E3_Data_Out pin. The Terminal Equipment will up-
date the data on the E3_Data_Out pin upon the rising
edge of the 34.368 MHz clock signal, at its
E3_Clock_In input pin (as depicted in Figures 19 and
20).
The XRT7250 will latch the Outbound E3 data stream
(from the Terminal Equipment) on the rising edge of
the RxOutClk signal.
The XRT7250 will indicate that it is processing the
last bit, within a given Outbound E3 frame, by pulsing
its TxFrame output pin “High” for one bit-period.
When the Terminal Equipment detects this pulse at its
Tx_Start_of_Frame input, it is expected to begin
transmission of the very next Outbound E3 frame to
the XRT7250 via the E3_Data_Out (or TxSer pin).
Finally, the XRT7250 will indicate that it is about to
process an overhead bit by pulsing the TxOH_Ind
output pin "High" one bit period prior to its processing
of an OH (Overhead) bit. In Figure 157, the
TxOH_Ind output pin is connected to the
E3_Overhead_Ind input pin, of the Terminal Equip-
ment. Whenever the E3_Overhead_Ind pin is pulsed
"High" the Terminal Equipment is expected to not
transmit a E3 payload bit upon the very next clock
edge. Instead, the Terminal Equipment is expected to
delay its transmission of the very next payload bit, by
one clock cycle.
The behavior of the signals, between the XRT7250
and the Terminal Equipment, for E3 Mode 1 operation
is illustrated in Figure 158.
FIGURE 157. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT PAYLOAD DATA
INPUT INTERFACE BLOCK OF THE XRT7250 FOR MODE 1 (SERIAL/LOOP-TIMED) OPERATION
Terminal Equipment
XRT7250 E3 Framer
E3_Data_Out
E3_Clock_In
Tx_Start_of_Frame
E3_Overhead_Ind
TxSer
RxOutClk
TxFrame
TxOH_Ind
NibInt
34.368 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com