Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 357 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 357 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 353Page - Exar Corporation XRT7250 Datasheet HTML 354Page - Exar Corporation XRT7250 Datasheet HTML 355Page - Exar Corporation XRT7250 Datasheet HTML 356Page - Exar Corporation XRT7250 Datasheet HTML 357Page - Exar Corporation XRT7250 Datasheet HTML 358Page - Exar Corporation XRT7250 Datasheet HTML 359Page - Exar Corporation XRT7250 Datasheet HTML 360Page - Exar Corporation XRT7250 Datasheet HTML 361Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
338
TABLE 70: LISTING AND DESCRIPTION OF THE PINS ASSOCIATED WITH THE TRANSMIT PAYLOAD DATA INPUT
INTERFACE
SIGNAL NAME
TYPE
DESCRIPTION
TxSer
Input
Transmit Serial Payload Data Input Pin:
If the user opts to operate the XRT7250 in the serial mode, then the Terminal Equipment is
expected to apply the payload data (that is to be transported via the Outbound E3 data stream)
to this input pin. The XRT7250 will sample the data that is at this input pin upon the rising edge
either the RxOutClk or the TxInClk signal (whichever is appropriate).
NOTE: This signal is only active if the NibInt input pin is pulled "Low".
TxNib[3:0]
Input
Transmit Nibble-Parallel Payload Data Input pins:
If the user opts to operate the XRT7250 in the Nibble-Parallel mode, then the Terminal Equip-
ment is expected to apply the payload data (that is to be transported via the Outbound E3 data
stream) to these input pins. The XRT7250 will sample the data that is at these input pins upon
the rising edge of the TxNibClk signal.
NOTE: These pins are only active if the NibInt input pin is pulled "High".
TxInClk
Input
Transmit Section Timing Reference Clock Input pin:
The Transmit Section of the XRT7250 can be configured to use this clock signal as the Timing
Reference. If the user has made this configuration selection, then the XRT7250 will use this
clock signal to sample the data on the TxSer input pin.
NOTE: If this configuration is selected, then a 34.368 MHz clock signal must be applied to this
input pin.
TxNibClk
Output Transmit Nibble Mode Output
If the user opts to operate the XRT7250 in the Nibble-Parallel mode, then the XRT7250 will
derive this clock signal from the selected Timing Reference for the Transmit Section of the chip
(e.g., either the TxInClk or the RxLineClk signals).
The XRT7250 will use this signal to sample the data on the TxNib[3:0] input pins.
TxOHInd
Output Transmit Overhead Bit Indicator Output:
This output pin will pulse "High" one-bit period prior to the time that the Transmit Section of the
XRT7250 will be processing an Overhead bit. The purpose of this output pin is to warn the Ter-
minal Equipment that, during the very next bit-period, the XRT7250 is going to be processing
an Overhead bit and will be ignoring any data that is applied to the TxSer input pin.
TxFrame
Output Transmit End of Frame Output Indicator:
The Transmit Section of the XRT7250 will pulse this output pin "High" (for one bit-period), when
the Transmit Payload Data Input Interface is processing the last bit of a given E3 frame.
The purpose of this output pin is to alert the Terminal Equipment that it needs to begin trans-
mission of a new E3 frame to the XRT7250 (e.g., to permit the XRT7250 to maintain Transmit
E3 framing alignment control over the Terminal Equipment).
TxFrameRef
Input
Transmit Frame Reference Input:
The XRT7250 permits the user to configure the Transmit Section to use this input pin as a
frame reference. If the user makes this configuration selection, then the Transmit Section will
initiate its transmission of a new E3 frame, upon the rising edge of this signal.
The purpose of this input pin is to permit the Terminal Equipment to maintain Transmit E3 Fram-
ing alignment control over the XRT7250.
RxOutClk
Output Loop-Timed Timing Reference Clock Output pin:
The Transmit Section of the XRT7250 can be configured to use the RxLineClk signal as the
Timing Reference (e.g., loop-timing). If the user has made this configuration selection, then the
XRT7250 will:
• Output a 34.368 MHz clock signal via this pin, to the Terminal Equipment.
• Sample the data on the TxSer input pin, upon the rising edge of this clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com