Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 354 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 354 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 350Page - Exar Corporation XRT7250 Datasheet HTML 351Page - Exar Corporation XRT7250 Datasheet HTML 352Page - Exar Corporation XRT7250 Datasheet HTML 353Page - Exar Corporation XRT7250 Datasheet HTML 354Page - Exar Corporation XRT7250 Datasheet HTML 355Page - Exar Corporation XRT7250 Datasheet HTML 356Page - Exar Corporation XRT7250 Datasheet HTML 357Page - Exar Corporation XRT7250 Datasheet HTML 358Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
335
Bits 2 - 1 Payload Dependent
To be provided later.
Bit 0 - Timing Marker
This bit-field is set to “0” to indicate that the timing
source is traceable to a Primary Reference Clock.
Otherwise, this bit-field is set to “1”.
6.1.1.5
The Network Operator (NR) Byte
The NR byte or the GC byte can be configured to
transport LAP-D Message frame octets from the
LAPD Transmitter to the LAPD Receiver (of the Re-
mote Terminal Equipment) at a data rate of 64kbps (1
byte per E3 frame).
If the user opts not to use the NR byte to transport
these LAPD Message frames, then the Transmit E3
Framer block will read in the contents of the TxNR
Byte Register (Address = 0x37), and insert this value
into the NR byte-field of each Outbound E3 frame.
The Receive E3 Framer block will read in the contents
of the NR byte-field within each incoming E3 frame
and will write it into the RxNR Byte register. Conse-
quently, the user can determine the value of the NR
byte, within the most recently received E3 frame by
reading the Rx NR Byte Register (Address = 0x1A).
6.1.1.6
The General Purpose Communica-
tions Channel (GC) Byte
The NR byte or the GC byte can be configured to
transport LAPD Message frames from the LAPD
Transmitter to the LAPD Receiver (of the Remote Ter-
minal Equipment) at a data rate of 64kbps (1 byte per
E3 frame).
If the user opts not to use the GC byte to transport
these LAPD Message frames, then the Transmit E3
Framer block will read in the contents of the Tx GC
Byte Register (Address = 0x35), and insert this value
into the GC byte-field of each Outbound E3 frame.
The Receive E3 Framer block will read in the contents
of the GC byte-field, within each incoming E3 frame,
and will write it into the RxGC Byte register. Conse-
quently, the user can determine the value of the GC
byte, within the most recently received E3 frame, by
reading the Rx GC Byte register (Address = 0x1B).
6.2
THE TRANSMIT SECTION OF THE XRT7250 (E3
MODE OPERATION)
When the XRT7250 has been configured to operate
in the E3, ITU-T G.832 Mode, the Transmit Section of
the XRT7250 consists of the following functional
blocks.
• Transmit Payload Data Input Interface block
• Transmit Overhead Data Input Interface block
• Transmit E3 Framer block
• Transmit HDLC Controller block
• Transmit LIU Interface block
Figure 155 presents a simple illustration of the Trans-
mit Section of the XRT7250 Framer IC.
TABLE 69: A LISTING OF THE VARIOUS PAYLOAD TYPE VALUES AND THEIR CORRESPONDING MEANING
PAYLOAD TYPE
VALUE
MEANING
000
Unequipped
001
Equipped
010
ATM Cells
011
SDH TU-12s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com