Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 351 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 351 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 347Page - Exar Corporation XRT7250 Datasheet HTML 348Page - Exar Corporation XRT7250 Datasheet HTML 349Page - Exar Corporation XRT7250 Datasheet HTML 350Page - Exar Corporation XRT7250 Datasheet HTML 351Page - Exar Corporation XRT7250 Datasheet HTML 352Page - Exar Corporation XRT7250 Datasheet HTML 353Page - Exar Corporation XRT7250 Datasheet HTML 354Page - Exar Corporation XRT7250 Datasheet HTML 355Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
332
6.0
E3/ITU-T G.832 OPERATION OF THE
XRT7250
Configuring the XRT7250 to Operate in the E3,
ITU-T G.832 Mode
The XRT7250 can be configured to operate in the E3/
ITU-T G.832 Mode by writing a “0” into bit-field 6 and
a “1” into bit-field 2, within the Framer Operating
Mode register, as illustrated below.
Prior to describing the functional blocks within the
Transmit and Receive Sections of the XRT7250, it is
important to describe the E3, ITU-T G.832 framing
format.
6.1
DESCRIPTION OF THE E3, ITU-T G.832 FRAMES
AND
ASSOCIATED OVERHEAD BYTES
The role of the various overhead bytes are best de-
scribed by discussing the E3, ITU-T G.832 Frame
Format as a whole. The E3, ITU-T G.832 Frame con-
tains 537 bytes, of which 7 bytes are overhead and
the remaining 530 bytes are payload bytes.
These 537 octets are arranged in 9 rows of 60 col-
umns each, except for the last three rows which con-
tain only 59 columns. The frame repetition rate for
this type of E3 frame is 8000 times per second, there-
by resulting in the standard E3 bit rate of 34.368
Mbps. Figure 154 presents an illustration of the E3,
ITU-T G.832 Frame Format.
6.1.1
Definition of the Overhead Bytes
The seven (7) overhead bytes are shown in
Figure 154, as FA1, FA2, EM, TR, MA, NR and GC.
Each of these Overhead Bytes are further defined be-
low.
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7
BIT 6BIT 5BIT 4BIT 3
BIT2BIT 1BIT 0
Local Loopback
DS3/E3*
Internal
LOS Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
x
0x
0
x
1x
x
FIGURE 154. ILLUSTRATION OF THE E3, ITU-T G.832 FRAMING FORMAT.
FA1
FA2
EM
TR
MA
1 Byte
59 Bytes
60 Columns
9 Rows
530 Octet Payload
GC
NR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com