Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 348 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 348 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 344Page - Exar Corporation XRT7250 Datasheet HTML 345Page - Exar Corporation XRT7250 Datasheet HTML 346Page - Exar Corporation XRT7250 Datasheet HTML 347Page - Exar Corporation XRT7250 Datasheet HTML 348Page - Exar Corporation XRT7250 Datasheet HTML 349Page - Exar Corporation XRT7250 Datasheet HTML 350Page - Exar Corporation XRT7250 Datasheet HTML 351Page - Exar Corporation XRT7250 Datasheet HTML 352Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
329
Enabling and Disabling the Detection of FEBE
Event Interrupt
The user can enable or disable the Detection of BIP-4
Error’ interrupt by writing the appropriate value into
Bit 2 (BIP-4 Interrupt Enable) within the Rx E3 Inter-
rupt Enable Register - 2, as indicated below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Detection of the BIP-4 Error Inter-
rupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “High”.
• It will set the Bit 2 (BIP-4 Interrupt Status), within
the RxE3 Interrupt Status Register - 2 as indicated
below.
Whenever the Terminal Equipment encounters the
Detection of BIP-4 Error Interrupt, it should do the fol-
lowing.
• It should read the contents of the PMON Parity
Error Event Count Registers (located at Addresses
0x54 and 0x55) in order to determine the number of
BIP-4 Errors that have been received by the
XRT7250 Framer IC.
5.3.6.2.8
The Detection of Framing Error Inter-
rupt
If the Detection of Framing Error Interrupt is enabled,
then the XRT7250 Framer IC will generate an inter-
rupt, anytime the Receive E3 Framer block has re-
ceived an E3 frame with an incorrect FAS pattern val-
ue.
Enabling and Disabling the Detection of FEBE
Event Interrupt
The user can enable or disable the Detection of
Framing Error’ interrupt by writing the appropriate val-
ue into Bit 1 (Framing Error Interrupt Enable) within
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Enable
BIP-4 Error
Interrupt
Enable
Framing Error
Interrupt
Enable
Not Used
R/W
RO
RO
RO
R/W
R/W
R/W
RO
0
0000
X
0
0
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Status
BIP-4
Error
Interrupt
Status
Framing
Error
Interrupt
Status
Not Used
RO
RO
RO
RO
RUR
RUR
RUR
RUR
0
0000
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com