Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 349 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 349 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 345Page - Exar Corporation XRT7250 Datasheet HTML 346Page - Exar Corporation XRT7250 Datasheet HTML 347Page - Exar Corporation XRT7250 Datasheet HTML 348Page - Exar Corporation XRT7250 Datasheet HTML 349Page - Exar Corporation XRT7250 Datasheet HTML 350Page - Exar Corporation XRT7250 Datasheet HTML 351Page - Exar Corporation XRT7250 Datasheet HTML 352Page - Exar Corporation XRT7250 Datasheet HTML 353Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
330
the Rx E3 Interrupt Enable Register - 2, as indicated
below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Detection of Framing Error Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “High”.
• It will set the Bit 1 (Framing Error Interrupt Status),
within the RxE3 Interrupt Status Register - 2 as
indicated below.
Whenever the Terminal Equipment encounters the
Detection of Framing Error Interrupt, it should do the
following.
• It should read the contents of the PMON Framing
Bit/Byte Error Count Registers (located at
Addresses 0x52 and 0x53) in order to determine
the number of Framing errors that have been
received by the XRT7250 Framer IC.
5.3.6.2.9
The Receipt of New LAPD Message
Interrupt
If the Receive LAPD Message Interrupt is enabled,
then the XRT7250 Framer IC will generate an inter-
rupt anytime the Receive HDLC Controller block has
received a new LAPD Message frame from the Re-
mote Terminal Equipment, and has stored the con-
tents of this message into the Receive LAPD Mes-
sage buffer.
Enabling/Disabling the Receive LAPD Message
Interrupt
The user can enable or disable the Receive LAPD
Message Interrupt by writing the appropriate data into
Bit 1 (RxLAPD Interrupt Enable) within the Rx E3
LAPD Control Register, as indicated below.
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Enable
BIP-4 Error
Interrupt
Enable
Framing Error
Interrupt
Enable
Not Used
R/W
RO
RO
RO
R/W
R/W
R/W
RO
00
000
0
X
0
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Status
BIP-4
Error
Interrupt
Status
Framing
Error
Interrupt
Status
Not Used
RO
RO
RO
RO
RUR
RUR
RUR
RUR
00
000
000
RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt Enable
RxLAPD
Interrupt Enable
RO
RO
RO
RO
RO
R/W
R/W
RUR
00000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com