Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 345 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 345 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 341Page - Exar Corporation XRT7250 Datasheet HTML 342Page - Exar Corporation XRT7250 Datasheet HTML 343Page - Exar Corporation XRT7250 Datasheet HTML 344Page - Exar Corporation XRT7250 Datasheet HTML 345Page - Exar Corporation XRT7250 Datasheet HTML 346Page - Exar Corporation XRT7250 Datasheet HTML 347Page - Exar Corporation XRT7250 Datasheet HTML 348Page - Exar Corporation XRT7250 Datasheet HTML 349Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
326
• If the XRT7250 Framer IC detects 2 consecutive E3
frames that each contain 8 or more “0’s”.
Enabling and Disabling the Change in Receive
AIS Condition Interrupt
The user can enable or disable the Change in Re-
ceive LOS Condition Interrupt, by writing the appro-
priate value into Bit 0 (AIS Interrupt Enable), within
the RxE3 Interrupt Enable Register - 1, as indicated
below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change in Receive AIS Condition
Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 0 (AIS Interrupt Status), within the Rx
E3 Interrupt Status Register - 1 to “1”, as indicated
below.
Whenever the user’s system encounters the Change
in Receive AIS Condition Interrupt, then it should do
the following.
1. It should determine the current state of the AIS
condition. Recall, that this interrupt can be gen-
erated, whenever the XRT7250 Framer IC
declares or clears the AIS defect. Hence, the
user can determine the current state of the AIS
defect by reading the state of Bit 3 (RxAIS) within
the Rx E3 Configuration and Status Register - 2,
as illustrated below.
If the AIS Condition is TRUE
1. It should begin transmitting the FERF indication
to the Remote Terminal Equipment. Please see
Section 4.2.4.2.1.3 for instructions on how to
transmit a FERF condition.
If the AIS Condition is FALSE
2. It should cease transmitting the FERF indication
to the Remote Terminal Equipment. Please see
Section 4.2.4.2.1.3 for instructions on how to con-
trol the state of the “A” bit-field, within each out-
bound E3 frame.
5.3.6.2.5
The Change of Framing Alignment
Interrupt
If the Change of Framing Alignment Interrupt is en-
abled then the XRT7250 Framer IC will generate an
interrupt any time the Receive E3 Framer block de-
tects an abrupt change of framing alignment.
NOTE: This interrupt is typically accompanied with the
Change in Receive OOF Condition interrupt as well.
Conditions causing the XRT7250 Framer IC to
generate this interrupt.
If the XRT7250 Framer detects receives at least four
consecutive E3 frames, within its Framing Alignment
bytes in Error, then the XRT7250 Framer IC will de-
clare an OOF condition. However, while the
XRT7250 Framer IC is operating in the OOF condi-
RXE3 INTERRUPT ENABLE REGISTER - 1 (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Enable
OOF
Interrupt
Enable
LOF
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
00
000
0
X
0
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
01
100
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com