Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 343 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 343 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 339Page - Exar Corporation XRT7250 Datasheet HTML 340Page - Exar Corporation XRT7250 Datasheet HTML 341Page - Exar Corporation XRT7250 Datasheet HTML 342Page - Exar Corporation XRT7250 Datasheet HTML 343Page - Exar Corporation XRT7250 Datasheet HTML 344Page - Exar Corporation XRT7250 Datasheet HTML 345Page - Exar Corporation XRT7250 Datasheet HTML 346Page - Exar Corporation XRT7250 Datasheet HTML 347Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
324
the RxE3 Interrupt Enable Register - 1, as indicated
below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change in Receive OOF Condition
Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 3 (OOF Interrupt Status), within the Rx
E3 Interrupt Status Register - 1 to “1”, as indicated
below.
Whenever the user’s system encounters the Change
in Receive OOF Condition Interrupt, then it should do
the following.
1. It should determine the current state of the OOF
condition. Recall, that this interrupt can be gen-
erated, whenever the XRT7250 Framer IC
declares or clears the OOF defect. Hence, the
user can determine the current state of the LOS
defect by reading the state of Bit 5 (RxOOF)
within the Rx E3 Configuration and Status Regis-
ter - 2, as illustrated below.
If the OOF state is TRUE
1. It should transmit a FERF (Far-End-Receive Fail-
ure) indicator to the Remote Terminal Equipment.
Please see Section 4.2.4.2.1.3 on how to config-
ure the XRT7250 to transmit the FERF indicator
to the Remote Terminal Equipment.
If the OOF state is FALSE
1. It should cease transmitting the FERF indication
to the Remote Terminal Equipment. Please see
Section 4.2.4.2.1.3 on how to control the state of
the “A” bit, which is transmitted via each out-
bound E3 frame.
RXE3 INTERRUPT ENABLE REGISTER - 1 (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Enable
OOF
Interrupt
Enable
LOF
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
0
0
0
0X0X0
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
0
0
0
01000
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
XX
XXXX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com