Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 341 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 341 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 337Page - Exar Corporation XRT7250 Datasheet HTML 338Page - Exar Corporation XRT7250 Datasheet HTML 339Page - Exar Corporation XRT7250 Datasheet HTML 340Page - Exar Corporation XRT7250 Datasheet HTML 341Page - Exar Corporation XRT7250 Datasheet HTML 342Page - Exar Corporation XRT7250 Datasheet HTML 343Page - Exar Corporation XRT7250 Datasheet HTML 344Page - Exar Corporation XRT7250 Datasheet HTML 345Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
322
Setting this bit-field to “1” enables the Receive Sec-
tion at the Block Level) for interrupt generation. Con-
versely, setting this bit-field to “0” disables the Re-
ceive Section for interrupt generation.
5.3.6.2
Enabling/Disabling and Servicing Inter-
rupts
As mentioned previously, the Receive Section of the
XRT7250 Framer IC contains numerous interrupts.
The Enabling/Disabling and Servicing of each of
these interrupts is described below.
5.3.6.2.1
The Change in Receive LOS Condi-
tion Interrupt
If the Change in Receive LOS Condition Interrupt is
enabled, then the XRT7250 Framer IC will generate
an interrupt in response to either of the following con-
ditions.
1. When the XRT7250 Framer IC declares an LOS
(Loss of Signal) Condition, and
2. When the XRT7250 Framer IC clears the LOS
condition.
Conditions causing the XRT7250 Framer IC to de-
clare an LOS Condition.
• If the XRT7300 LIU IC declares an LOS condition,
and drives the RLOS input pin (of the XRT7250
Framer IC) “High”.
• If the XRT7250 Framer IC detects 32 consecutive
“0”, via the RxPOS and RxNEG input pins.
Conditions causing the XRT7250 Framer IC to
clear the LOS Condition.
• If the XRT7300 LIU IC clears the LOS condition and
drives the RLOS input pin (of the XRT7250 Framer
IC) “Low”.
• If the XRT7250 Framer IC detects a string of 32
consecutive bits (via the RxPOS and RxNEG input
pins) that does NOT contain a string of 4 consecu-
tive “0’s”.
Enabling and Disabling the Change in Receive
LOS Condition Interrupt
The user can enable or disable the Change in Re-
ceive LOS Condition Interrupt, by writing the appro-
priate value into Bit 1 (LOS Interrupt Enable), within
the RxE3 Interrupt Enable Register - 1, as indicated
below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change in Receive LOS Condition
Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 1 (LOS Interrupt Status), within the Rx
E3 Interrupt Status Register - 1 to “1”, as indicated
below.
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Enable
Not Used
TxDS3/E3
Interrupt
Enable
One-Second
Interrupt
Enable
R/W
RORO
RO
RORO
R/W
R/W
X
0
000
000
RXE3 INTERRUPT ENABLE REGISTER - 1 (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Enable
OOF
Interrupt
Enable
LOF
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
00
000
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com