Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 347 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 347 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 343Page - Exar Corporation XRT7250 Datasheet HTML 344Page - Exar Corporation XRT7250 Datasheet HTML 345Page - Exar Corporation XRT7250 Datasheet HTML 346Page - Exar Corporation XRT7250 Datasheet HTML 347Page - Exar Corporation XRT7250 Datasheet HTML 348Page - Exar Corporation XRT7250 Datasheet HTML 349Page - Exar Corporation XRT7250 Datasheet HTML 350Page - Exar Corporation XRT7250 Datasheet HTML 351Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
328
the RxE3 Interrupt Enable Register - 2, as indicated
below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change in Receive FERF Condition
Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 3 (FERF Interrupt Status), within the
Rx E3 Interrupt Status Register - 2 to “1”, as indi-
cated below.
Whenever the user’s system encounters the Change
in Receive FERF Condition Interrupt, then it should
do the following.
1. It should determine the current state of the FERF
condition. Recall, that this interrupt can be gen-
erated, whenever the XRT7250 Framer IC
declares or clears the FERF defect. Hence, the
user can determine the current state of the LOS
defect by reading the state of Bit 0 (RxFERF)
within the Rx E3 Configuration and Status Regis-
ter - 2, as illustrated below.
5.3.6.2.7
The Detection of BIP-4 Error Interrupt
If the Detection of BIP-4 Error Interrupt is enabled,
then the XRT7250 Framer IC will generate an inter-
rupt, anytime the Receive E3 Framer block has de-
tected an error in the BIP-4 Nibble, within an incom-
ing E3 frame.
NOTE: This interrupt is only active if the XRT7250 Framer
IC has been configured to process the BIP-4 nibble within
each incoming and outbound E3 frame.
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Enable
BIP-4 Error
Interrupt
Enable
Framing Error
Interrupt
Enable
Not Used
R/W
RO
RO
RO
R/W
R/W
R/W
RO
00
000
000
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Status
BIP-4
Error
Interrupt
Status
Framing
Error
Interrupt
Status
Not Used
RO
RO
RO
RO
RUR
RUR
RUR
RUR
00
001
000
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
01
100
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com