Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 350 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 350 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 346Page - Exar Corporation XRT7250 Datasheet HTML 347Page - Exar Corporation XRT7250 Datasheet HTML 348Page - Exar Corporation XRT7250 Datasheet HTML 349Page - Exar Corporation XRT7250 Datasheet HTML 350Page - Exar Corporation XRT7250 Datasheet HTML 351Page - Exar Corporation XRT7250 Datasheet HTML 352Page - Exar Corporation XRT7250 Datasheet HTML 353Page - Exar Corporation XRT7250 Datasheet HTML 354Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
331
Writing a “1” into this bit-field enables the Receive
LAPD Message Interrupt. Conversely, writing a “0”
into this bit-field disables the Receive LAPD Message
Interrupt.
Servicing the Receive LAPD Message Interrupt
Whenever the XRT7250 Framer IC generates this in-
terrupt, it will do the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 0 (RxLAPD Interrupt Status), within the
Rx E3 LAPD Control register to “1”, as indicated
below.
• It will write the contents of the newly Received
LAPD Message into the Receive LAPD Message
buffer (located at 0xDE through 0x135).
Whenever the Terminal Equipment encounters the
Receive LAPD Message Interrupt, then it should read
out the contents of the Receive LAPD Message buff-
er, and respond accordingly.
RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt Enable
RxLAPD
Interrupt Enable
RO
RO
RO
RO
RO
R/W
R/W
RUR
00000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com