Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 438 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 438 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 434Page - Exar Corporation XRT7250 Datasheet HTML 435Page - Exar Corporation XRT7250 Datasheet HTML 436Page - Exar Corporation XRT7250 Datasheet HTML 437Page - Exar Corporation XRT7250 Datasheet HTML 438Page - Exar Corporation XRT7250 Datasheet HTML 439Page - Exar Corporation XRT7250 Datasheet HTML 440Page - Exar Corporation XRT7250 Datasheet HTML 441Page - Exar Corporation XRT7250 Datasheet HTML 442Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
419
Method 2 Operation of the Terminal Equipment
If the Terminal Equipment intends to sample any
overhead data from the Inbound E3 data stream (via
the Receive Overhead Data Output Interface), then it
is expected to do the following.
1. Sample the state of the RxOHFrame signal (e.g.,
the Rx_Start_of_Frame input) on the falling edge
of the RxOutClk clock signal, whenever the RxO-
HEnable output signal is also sampled “High”.
2. Keep track of the number of times that the RxO-
HEnable signal has been sampled “High” since
the last time the RxOHFrame was also sampled
“High”. By doing this, the Terminal Equipment will
be able to keep track of which overhead bit is
being output via the RxOH output pin. Based
upon this information, the Terminal Equipment
will be able to derive some meaning from these
overhead bits.
3. Table 90 relates the number of RxOHEnable out-
put pulses (that have occurred since both the
RxOHFrame and the RxOHEnable pins were
both sampled “High”) to the E3 overhead bit that
is being output via the RxOH output pin.
FIGURE 206. ILLUSTRATION OF HOW TO INTERFACE THE TERMINAL EQUIPMENT TO THE RECEIVE OVERHEAD DATA
OUTPUT INTERFACE BLOCK (FOR METHOD 2).
RxOH
RxOHEnable
RxOutClk
RxOHFrame
E3_OH_In
E3_OH_Enable_In
E3_Clk_In
Rx_Start_of_Frame
Terminal Equipment
XRT7250 E3 Framer IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com