Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 440 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 440 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 436Page - Exar Corporation XRT7250 Datasheet HTML 437Page - Exar Corporation XRT7250 Datasheet HTML 438Page - Exar Corporation XRT7250 Datasheet HTML 439Page - Exar Corporation XRT7250 Datasheet HTML 440Page - Exar Corporation XRT7250 Datasheet HTML 441Page - Exar Corporation XRT7250 Datasheet HTML 442Page - Exar Corporation XRT7250 Datasheet HTML 443Page - Exar Corporation XRT7250 Datasheet HTML 444Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
421
Figure 207 presents the typical behavior of the Re-
ceive Overhead Data Output Interface block, when
Method 2 is being used to sample the incoming E3
overhead bits.
30
TR Byte - Bit 1
31
TR Byte - Bit 0
32
MA Byte - Bit 7
33
MA Byte - Bit 6
34
MA Byte - Bit 5
35
MA Byte - Bit 4
36
MA Byte - Bit 3
37
MA Byte - Bit 2
38
MA Byte - Bit 1
39
MA Byte - Bit 0
40
NR Byte - Bit 7
41
NR Byte - Bit 6
42
NR Byte - Bit 5
43
NR Byte - Bit 4
44
NR Byte - Bit 3
45
NR Byte - Bit 2
46
NR Byte - Bit 1
47
NR Byte - Bit 0
48
GC Byte - Bit 7
49
GC Byte - Bit 6
50
GC Byte - Bit 5
51
GC Byte - Bit 4
52
GC Byte - Bit 3
53
GC Byte - Bit 2
54
GC Byte - Bit 1
55
GC Byte - Bit 0
TABLE 90: THE RELATIONSHIP BETWEEN THE NUMBER OF RXOHENABLE OUTPUT PULSES (SINCE RXOHFRAME WAS
LAST SAMPLED
"HIGH") TO THE E3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH OUTPUT PIN
NUMBER OF RXOHENABLE OUTPUT PULSES
THE OVERHEAD BIT BEING OUTPUT BY THE
XRT7250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com