Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 444 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 444 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 440Page - Exar Corporation XRT7250 Datasheet HTML 441Page - Exar Corporation XRT7250 Datasheet HTML 442Page - Exar Corporation XRT7250 Datasheet HTML 443Page - Exar Corporation XRT7250 Datasheet HTML 444Page - Exar Corporation XRT7250 Datasheet HTML 445Page - Exar Corporation XRT7250 Datasheet HTML 446Page - Exar Corporation XRT7250 Datasheet HTML 447Page - Exar Corporation XRT7250 Datasheet HTML 448Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
425
Operation of the Receive Payload Data Output In-
terface block
The Receive Payload Data Output Interface permits
the user to read out the payload data of Inbound E3
frames, via either of the following modes.
• Serial Mode
• Nibble-Parallel Mode
Each of these modes are described in detail, below.
6.3.5.1
Serial Mode Operation Behavior of the
XRT7250
If the XRT7250 has been configured to operate in this
mode, then the XRT7250 will behave as follows.
Payload Data Output
The XRT7250 will output the payload data, of the in-
coming E3 frames, upon the rising edge of RxClk.
Delineation of Inbound DS3 Frames
The XRT7250 will pulse the RxFrame output pin
"High" for one bit-period, coincident with it driving the
first bit within a given E3 frame, via the RxSer output
pin.
Interfacing the XRT7250 to the Receive Terminal
Equipment
Figure 209 presents a simple illustration as how the
user should interface the XRT7250 to that terminal
equipment which processes Receive Direction pay-
load data.
Required Operation of the Terminal Equipment
The XRT7250 will update the data on the RxSer out-
put pin, upon the rising edge of RxClk. Hence, the
Terminal Equipment should sample the data on the
RxSer output pin (or the E3_Data_In pin at the Termi-
nal Equipment) upon the rising edge of RxClk. As the
Terminal Equipment samples RxSer with each rising
edge of RxClk it should also be sampling the follow-
ing signals.
• RxFrame
• RxOHInd
The Need for sampling RxFrame
The XRT7250 will pulse the RxFrame output pin
"High" coincident with it driving the very first bit of a
given E3 frame onto the RxSer output pin. If knowl-
edge of the E3 Frame Boundaries is important for the
operation of the Terminal Equipment, then this is a
very important signal for it to sample.
The Need for sampling RxOHInd
The XRT7250 will indicate that it is currently driving
an overhead bit onto the RxSer output pin, by pulsing
the RxOHInd output pin "High". If the Terminal Equip-
ment samples this signal "High", then it should know
that the bit, that it is currently sampling via the RxSer
pin is an overhead bit and should not be processed.
FIGURE 209. ILLUSTRATION OF THE RECEIVE PAYLOAD DATA OUTPUT INTERFACE BLOCK (OF THE XRT7250 DS3/
E3 FRAMER IC) BEING INTERFACED TO THE RECEIVE TERMINAL EQUIPMENT (SERIAL MODE OPERATION)
Terminal Equipment
(Receive Payload Section)
XRT7250 E3 Framer
E3_Data_In
Rx_E3_Clock_In
Rx_Start_of_Frame
RxClk
RxFrame
RxOHInd
34.368 MHz Clock Signal
RxSer
Rx_E3_OH_Ind
RxLineClk
34.368 MHz
Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com