Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 445 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 445 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 441Page - Exar Corporation XRT7250 Datasheet HTML 442Page - Exar Corporation XRT7250 Datasheet HTML 443Page - Exar Corporation XRT7250 Datasheet HTML 444Page - Exar Corporation XRT7250 Datasheet HTML 445Page - Exar Corporation XRT7250 Datasheet HTML 446Page - Exar Corporation XRT7250 Datasheet HTML 447Page - Exar Corporation XRT7250 Datasheet HTML 448Page - Exar Corporation XRT7250 Datasheet HTML 449Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
426
The Behavior of the Signals between the Receive
Payload Data Output Interface block and the Ter-
minal Equipment
The behavior of the signals between the XRT7250
and the Terminal Equipment for E3 Serial Mode Op-
eration is illustrated in Figure 210.
6.3.5.2
Nibble-Parallel Mode OperationBehav-
ior of the XRT7250
If the XRT7250 has been configured to operate in the
Nibble-Parallel Mode, then the XRT7250 will behave
as follows.
Payload Data Output
The XRT7250 will output the payload data of the in-
coming E3 frames, via the RxNib[3:0] output pins, up-
on the rising edge of RxClk.
NOTES:
1. In this case, RxClk will function as the Nibble Clock
signal between the XRT7250 the Terminal Equip-
ment. The XRT7250 will pulse the RxClk output
signal "High" 1060 times, for each Inbound E3
frame.
2. Unlike Serial Mode operation, the duty cycle of
RxClk, in Nibble-Parallel Mode operation is approx-
imately 25%.
Delineation of Inbound DS3 Frames
The XRT7250 will pulse the RxFrame output pin
"High" for one nibble-period coincident with it driving
the very first nibble, within a given Inbound E3 frame,
via the RxNib[3:0] output pins.
Interfacing the XRT7250 the Terminal Equipment.
Figure 211 presents a simple illustration as how the
user should interface the XRT7250 to that terminal
equipment which processes Receive Direction pay-
load data.
FIGURE 210. AN ILLUSTRATION OF THE BEHAVIOR OF THE SIGNALS BETWEEN THE RECEIVE PAYLOAD DATA OUT-
PUT
INTERFACE BLOCK OF THE XRT7250 AND THE TERMINAL EQUIPMENT
Terminal Equipment Signals
E3_Clock_In
E3_Data_In
Rx_Start_of_Frame
E3_Overhead_Ind
XRT7250 Receive Payload Data I/F Signals
RxClk
RxSer
RxFrame
RxOH_Ind
Payload[4238]
Payload4239]
FA1, Bit 7
FA1, Bit 6
Payload[4238]
Payload[4239]
FA1, Bit 7
FA1, Bit 6
Note: FA1 and FA2 bytes will not be processed by the
Transmit Payload Data Input Interface.
E3 Frame Number N
E3 Frame Number N + 1
Note: RxFrame pulses high to denote
E3 Frame Boundary.
Note: RxOH_Ind pulses high to
denote Overhead Data
(e.g., the FA1 and FA2 Bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com