Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 451 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 451 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 447Page - Exar Corporation XRT7250 Datasheet HTML 448Page - Exar Corporation XRT7250 Datasheet HTML 449Page - Exar Corporation XRT7250 Datasheet HTML 450Page - Exar Corporation XRT7250 Datasheet HTML 451Page - Exar Corporation XRT7250 Datasheet HTML 452Page - Exar Corporation XRT7250 Datasheet HTML 453Page - Exar Corporation XRT7250 Datasheet HTML 454Page - Exar Corporation XRT7250 Datasheet HTML 455Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
432
1. When the XRT7250 Framer IC declares an LOF
(Out of Frame) Condition, and
2. When the XRT7250 Framer IC clears the LOF
condition.
Conditions causing the XRT7250 Framer IC to de-
clare an LOF Condition.
• If the Receive E3 Framer block (within the XRT7250
Framer IC) detects Framing Byte errors, within four
consecutive incoming E3 frames and is not able to
transition back into the In-Frame state within 1 or
3ms.
Conditions causing the XRT7250 Framer IC to
clear the LOF Condition.
• If the Receive E3 Framer block transitions from the
OOF Condition state to the LOF Condition state
(see Figure 175).
• If the Receive E3 Framer block transitions back into
the In-Frame state.
Enabling and Disabling the Change in Receive
LOF Condition Interrupt
The user can enable or disable the Change in Re-
ceive LOF Condition Interrupt, by writing the appropri-
ate value into Bit 3 (LOF Interrupt Enable), within the
RxE3 Interrupt Enable Register - 1, as indicated be-
low.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Change in Receive LOF Condition
Interrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do all of the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “Low”.
• It will set Bit 6 (LOF Interrupt Status), within the Rx
E3 Interrupt Status Register - 1 to “1”, as indicated
below.
6.3.6.2.4
The Change of Framing Alignment
(COFA) Interrupt
If the Change of Framing Alignment Interrupt is en-
abled then the XRT7250 Framer IC will generate an
interrupt any time the Receive E3 Framer block de-
tects an abrupt change of framing alignment.
NOTE: This interrupt is typically accompanied with the
Change in Receive OOF Condition interrupt as well.
Conditions causing the XRT7250 Framer IC to
generate this interrupt.
If the XRT7250 Framer detects receives at least four
consecutive E3 frames, within its Framing Alignment
bytes in Error, then the XRT7250 Framer IC will de-
clare an OOF condition. However, while the
XRT7250 Framer IC is operating in the OOF condi-
tion, it will still rely on the old framing alignment for E3
payload data extraction, etc.
However, if the Receive E3 Framer had to change
alignment, in order to re-acquire frame synchroniza-
tion, then this interrupt will occur.
Enabling and Disabling the Change of Framing
Alignment Interrupt
The user can enable or disable the Change of Fram-
ing Alignment Interrupt by writing the appropriate val-
ue into Bit 4 (COFA Interrupt
RXE3 INTERRUPT ENABLE REGISTER - 1 (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Enable
OOF
Interrupt
Enable
LOF
Interrupt
Enable
LOS
Interrupt
Enable
AIS
Interrupt
Enable
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
00
000
0
X
0
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
XX
XXXX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com