Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 455 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 455 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 451Page - Exar Corporation XRT7250 Datasheet HTML 452Page - Exar Corporation XRT7250 Datasheet HTML 453Page - Exar Corporation XRT7250 Datasheet HTML 454Page - Exar Corporation XRT7250 Datasheet HTML 455Page - Exar Corporation XRT7250 Datasheet HTML 456Page - Exar Corporation XRT7250 Datasheet HTML 457Page - Exar Corporation XRT7250 Datasheet HTML 458Page - Exar Corporation XRT7250 Datasheet HTML 459Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
436
Status), within the Rx E3 Interrupt Status Register -
2 to “1”, as indicated below
Whenever the user’s system encounters the Change
in Receive FERF Condition Interrupt, then it should
do the following.
1. It should determine the current state of the FERF
condition. Recall, that this interrupt can be gen-
erated, whenever the XRT7250 Framer IC
declares or clears the FERF defect. Hence, the
user can determine the current state of the LOS
defect by reading the state of Bit 0 (RxFERF)
within the Rx E3 Configuration and Status Regis-
ter - 2, as illustrated below.
6.3.6.2.8
The Detection of FEBE (Far-End-
Block Error) Event Interrupt
If the Detection of FEBE Event Interrupt is enabled,
then the XRT7250 Framer IC will generate an inter-
rupt, anytime the Receive E3 Framer block has re-
ceived an E3 frame with the FEBE bit-field (within the
MA byte) set to “1”.
Enabling and Disabling the Detection of FEBE
Event Interrupt
The user can enable or disable the Detection of
FEBE Event’ interrupt by writing the appropriate value
into Bit 4 (FEBE Interrupt Enable) within the Rx E3 In-
terrupt Enable Register - 2, as indicated below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Detection of the FEBE Event Inter-
rupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “High”.It will set the Bit 4 (FEBE Inter-
rupt Status), within the RxE3 Interrupt Status Reg-
ister - 2 as indicated below.
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Status
Not Used
FEBE
Interrupt
Status
FERF
Interrupt
Status
BIP-8
Error Interrupt
Status
Framing
Byte Error
Interrupt
Status
RxPld
Mis
Interrupt
Status
RO
RUR
RO
RUR
RUR
RUR
RUR
RUR
00
001
000
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
XX
XXXX
XX
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Enable
Not Used
FEBE
Interrupt
Enable
FERF
Interrupt
Enable
BIP-8
Error Interrupt
Enable
Framing
Byte Error
Interrupt
Enable
RxPld
Mis
Interrupt
Enable
RO
R/W
RO
R/W
R/W
R/W
R/W
R/W
00
0
X
X
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com