Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 457 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 457 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 453Page - Exar Corporation XRT7250 Datasheet HTML 454Page - Exar Corporation XRT7250 Datasheet HTML 455Page - Exar Corporation XRT7250 Datasheet HTML 456Page - Exar Corporation XRT7250 Datasheet HTML 457Page - Exar Corporation XRT7250 Datasheet HTML 458Page - Exar Corporation XRT7250 Datasheet HTML 459Page - Exar Corporation XRT7250 Datasheet HTML 460Page - Exar Corporation XRT7250 Datasheet HTML 461Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
438
• It should read the contents of the PMON Parity
Error Event Count Registers (located at Addresses
0x54 and 0x55) in order to determine the number of
BIP-8 Errors that have been received by the
XRT7250 Framer IC.
6.3.6.2.10 The Detection of Framing Byte Error
Interrupt
If the Detection of Framing Byte Error Interrupt is en-
abled, then the XRT7250 Framer IC will generate an
interrupt, anytime the Receive E3 Framer block has
received an E3 frame with an incorrect Framing Byte
(e.g., FA1 or FA2) value.
Enabling and Disabling the Detection of FEBE
Event Interrupt
The user can enable or disable the Detection of
Framing Byte Error’ interrupt by writing the appropri-
ate value into Bit 1 (Framing Byte Error Interrupt En-
able) within the Rx E3 Interrupt Enable Register - 2,
as indicated below.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Servicing the Detection of Framing Byte Error In-
terrupt
Whenever the XRT7250 Framer IC detects this inter-
rupt, it will do the following.
• It will assert the Interrupt Request output pin (INT),
by driving it “High”.
• It will set the Bit 4 (Framing Byte Error Interrupt Sta-
tus), within the RxE3 Interrupt Status Register - 2
as indicated below.
Whenever the Terminal Equipment encounters the
Detection of Framing Byte Error Interrupt, it should do
the following.
• It should read the contents of the PMON Framing
Bit/Byte Error Count Registers (located at
Addresses 0x52 and 0x53) in order to determine
the number of Framing Byte errors that have been
received by the XRT7250 Framer IC.
6.3.6.2.11 The Detection of Payload Type Mis-
match Interrupt
If the Detection of Payload Type Mismatch Interrupt is
enabled, then the XRT7250 Framer IC will generate
an interrupt, anytime the Receive E3 Framer block re-
ceives a MA byte (within an incoming E3 frame) that
contents a Payload Type value that is different from
the expected Payload Type value.
Conditions causing this interrupt to be generated.
During system configuration, the user is expected to
specify the Payload Type value that is expected of the
Receive E3 Framer to receive (within each E3 frame),
by writing this value into the RxPLDExp[2:0] bit-fields
within the Rx E3 Configuration & Status Register - 1,
as indicated below.
As long as the Receive E3 Framer block receives E3
frames that contains this Payload Type value, no in-
terrupt will be generated. However, the instant that it
receives an E3 frame, that contains a different Pay-
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Enable
Not Used
FEBE
Interrupt
Enable
FERF
Interrupt
Enable
BIP-8
Error Interrupt
Enable
Framing
Byte Error
Interrupt
Enable
RxPld
Mis
Interrupt
Enable
RO
R/W
RO
R/W
R/W
R/W
R/W
R/W
00
0
X
X
000
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Status
Not Used
FEBE
Interrupt
Status
FERF
Interrupt
Status
BIP-8
Error Interrupt
Status
Framing
Byte Error
Interrupt
Status
RxPld
Mis
Interrupt
Status
RO
RUR
RO
RUR
RUR
RUR
RUR
RUR
00
010
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com