Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 460 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 460 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 455Page - Exar Corporation XRT7250 Datasheet HTML 456Page - Exar Corporation XRT7250 Datasheet HTML 457Page - Exar Corporation XRT7250 Datasheet HTML 458Page - Exar Corporation XRT7250 Datasheet HTML 459Page - Exar Corporation XRT7250 Datasheet HTML 460Page - Exar Corporation XRT7250 Datasheet HTML 461Page - Exar Corporation XRT7250 Datasheet HTML 462Page - Exar Corporation XRT7250 Datasheet HTML 463Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 460 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
441
7.0
DIAGNOSTIC OPERATION OF THE XRT7250
FRAMER IC
The XRT7250 DS3/E3 Framer IC permits the user to
command it to operate in the Framer Local Loop-back
Mode. When the user does this than the data will be
as follows.
1. Data will enter the XRT7250 Framer IC via both
the Transmit Payload Data Input Interface and the
Transmit Overhead Data Input Interface blocks.
2. This data will be processed through the Transmit
DS3/E3 Framer block and the Transmit DS3/E3
LIU Interface block.
3. This Transmit Output data will be internally
looped-back into the Receive Path via the
Receive LIU Interface block.
4. This data will now be processed through the
Receive DS3/E3 Framer block and will ultimately
arrive at both the Receive Payload Data Output
Interface and Receive Overhead Data Output
Interface blocks, where this data will be output to
the terminal equipment.
The Framer Local Loop-back Path is also illustrated
below in Figure 213 .
The user can configure the XRT7250 into the Framer
Local-Loop-back Mode by writing a “1” into bit-field 7
FIGURE 213. ILLUSTRATION OF THE FRAMER LOCAL LOOP-BACK PATH, WITHIN THE XRT7250 DS3/E3 FRAMER IC
Receive LIU
Interface
Block
Receive DS3/E3
Framer Block
Receive Payload
Data Output
Interface Block
Microprocessor
Interface
MOTO
D[7:0]
A[8:0]
IntB*
CSB*
RdB_DS
WrB_RW
Rdy_Dtck
Reset*
ALE_AS
RxSer
RxNib[3:0]
RxOutClk
RxPOS
RxNEG
RxLineClk
Tx LAPD Buffer/
Controller
Rx LAPD Buffer/
Controller
Receive Overhead
Output
Interface Block
RxNibClk
RxFrame
Transmit
Payload Data
Input
Interface Block
Transmit DS3/E3
Framer Block
Transmit LIU
Interface
Block
TxSer
TxNib[3:0]
TxInClk
TxPOS
TxNEG
TxLineClk
Transmit Overhead
Input
Interface Block
TxOHClk
TxOHIns
TxOHInd
TxOH
TxOHEnable
TxOHFrame
TxNibClk
TxFrame
RxOHFrame
RxOH
RxOHClk
RxOHEnable
Framer Local Loop-back Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com