Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 458 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 458 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 454Page - Exar Corporation XRT7250 Datasheet HTML 455Page - Exar Corporation XRT7250 Datasheet HTML 456Page - Exar Corporation XRT7250 Datasheet HTML 457Page - Exar Corporation XRT7250 Datasheet HTML 458Page - Exar Corporation XRT7250 Datasheet HTML 459Page - Exar Corporation XRT7250 Datasheet HTML 460Page - Exar Corporation XRT7250 Datasheet HTML 461Page - Exar Corporation XRT7250 Datasheet HTML 462Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
439
load Type value, then the XRT7250 Framer IC will
generate this interrupt.
Enabling and Disabling the Detection of Payload
Type Mismatch Interrupt.
The user can enable or disable the Detection of Pay-
load Type Mismatch Interrupt by writing the appropri-
ate data into Bit 0 (RxPld Mis Interrupt Enable), within
the Rx E3 Interrupt Enable Register - 2, as indicated
below.
Setting this bit-field to “1 enables the Detection of
Payload Type Mismatch Interrupt. Conversely, setting
this bit-field to “0” disables the Detection of Payload
Type Mismatch Interrupt.
Servicing the Detection of Payload Type Mis-
match Interrupt
Whenever the XRT7250 Framer IC generates this in-
terrupt, it will do the following.
• It will assert the Interrupt Request output pin (INT)
by driving it “Low”.
• It will set Bit 0 (RxPld Mis Interrupt Status), within
the Rx E3 Interrupt Enable Register -2 to “1”, as
indicated below.
6.3.6.2.12 The Receive LAPD Message Interrupt
If the Receive LAPD Message Interrupt is enabled,
then the XRT7250 Framer IC will generate an inter-
rupt anytime the Receive HDLC Controller block has
received a new LAPD Message frame from the Re-
mote Terminal Equipment, and has stored the con-
tents of this message into the Receive LAPD Mes-
sage buffer.
Enabling/Disabling the Receive LAPD Message
Interrupt
The user can enable or disable the Receive LAPD
Message Interrupt by writing the appropriate data into
Bit 1 (RxLAPD Interrupt Enable) within the Rx E3
LAPD Control Register, as indicated below.
RXE3 CONFIGURATION & STATUS REGISTER 1 (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxPLDType[2:0]
RxFERF
Algo
RxTMark
Algo
RxPLDExp[2:0]
RO
RO
RO
RO
RO
R/W
R/W
R/W
0
0000
000
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Enable
Not Used
FEBE
Interrupt
Enable
FERF
Interrupt
Enable
BIP-8
Error Interrupt
Enable
Framing
Byte Error
Interrupt
Enable
RxPld
Mis
Interrupt
Enable
RO
R/W
RO
R/W
R/W
R/W
R/W
R/W
0
0
0X
X
0
0X
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Status
Not Used
FEBE
Interrupt
Status
FERF
Interrupt
Status
BIP-8
Error Interrupt
Status
Framing
Byte Error
Interrupt
Status
RxPld
Mis
Interrupt
Status
RO
RUR
RO
RUR
RUR
RUR
RUR
RUR
0
0010
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com