Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 12Page - NXP Semiconductors NTP53X2 Datasheet HTML 13Page - NXP Semiconductors NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors NTP53X2 Datasheet HTML 19Page - NXP Semiconductors NTP53X2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
16 / 133
Block Address
Sec.
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
09h
1009h
CID
RFU
Customer ID (see
Section 8.1.3.3)
N/A
0Ah
100Ah
RFU
N/A
0Bh
100Bh
RFU
0
0Ch
100Ch
RFU
NFC_GCH
RFU
NFC Global Crypto
Header (see
Section 8.1.3.4)
0
0Dh
100Dh
RFU
NFC_CCH
RFU
NFC Crypto
Configuration Header
(see Section 8.1.3.5)
0
0Eh
100Eh
NFC_AUTH_LIMIT
RFU
NFC Authentication
Limit Counter (see
Section 8.1.3.6)
N/A
0Fh
100Fh
RFU
0
10h
1010h
RFU
NFC_KH0*
RFU
NFC Key Header 0
(see Section 8.1.3.7)
0
11h
1011h
NFC_KP0*
RFU
NFC Key Privileges 0
(see Section 8.1.3.8)
0
12h
1012h
RFU
NFC_KH1*
RFU
NFC Key Header 1
(see Section 8.1.3.7)
0
13h
1013h
NFC_KP1*
RFU
NFC Key Privileges 1
(see Section 8.1.3.8)
0
14h
1014h
RFU
NFC_KH2*
RFU
NFC Key Header 2
(see Section 8.1.3.7)
0
15h
1015h
NFC_KP2*
RFU
NFC Key Privileges 2
(see Section 8.1.3.8)
0
16h
1016h
RFU
NFC_KH3*
RFU
NFC Key Header 3
(see Section 8.1.3.7)
0
17h
1017h
NFC_KP3*
RFU
NFC Key Privileges 3
(see Section 8.1.3.8)
N/A
18h
1018h
N/A
...
...
N/A
1Fh
101Fh
RFU
0
20h
1020h
0
21h
1021h
0
22h
1022h
0
23h
1023h
KEY_0*
AES key 0 or
NFC_PWD_0 to
NFC_PWD_3 (see
Section 8.1.3.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com