Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 80Page - NXP Semiconductors NTP53X2 Datasheet HTML 81Page - NXP Semiconductors NTP53X2 Datasheet HTML 82Page - NXP Semiconductors NTP53X2 Datasheet HTML 83Page - NXP Semiconductors NTP53X2 Datasheet HTML 84Page - NXP Semiconductors NTP53X2 Datasheet HTML 85Page - NXP Semiconductors NTP53X2 Datasheet HTML 86Page - NXP Semiconductors NTP53X2 Datasheet HTML 87Page - NXP Semiconductors NTP53X2 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
84 / 133
Table 178. Inventory Read (extended mode) response format: Option_flag 1b
Flags
Optional truncated UID OR
complete UID
Optional data
CRC16
8 bits
0 to 64 bits
Block length
16 bits
Multiple of 8 bits
Repeated as needed
The mechanism and timing of the INVENTORY READ command performs the same as
at the INVENTORY command which is defined in ISO/IEC 15693.
If the UID is requested in the truncated format the retransmitted UID can be calculated as
follows:
16 slots: 64 - 4 - mask length rounded up to the next byte boundary
1 slot: 64 - mask length rounded up to the next byte boundary
Example: mask length = 30 Returned: 64 - 4 - 30 = 30 gives 4 bytes
Table 179. Example
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
UID
mask value incl. padding with zeros
transmitted by
Interrogator
returned value
transmitted by NTAG 5
link
8.2.3.5.1.3 Addressed and SELECTED mode
The INVENTORY READ command can also be transmitted in the addressed or
SELECTED mode. In this case, the Inventory_flag is set to 0 and the meaning of flags 7
to 4 is in accordance with ISO/IEC 15693.
In the addressed or selected mode, the INVENTORY READ command behaves similar to
a READ or READ MULTIPLE BLOCK command.
In the addressed mode, it is recommended to address the IC with a mask length of 64
and to transmit the complete UID in the mask value field.
In the selected mode (IC has been selected with a valid SELECT command before), it is
recommended to address the IC with a mask length of 0 (and do not transmit the mask
value field).
Remark: If the INVENTORY READ command is used in the addressed or selected
mode, the AFI shall not be transmitted and the IC will only respond in the first-time slot.
8.2.3.5.2 FAST INVENTORY READ
Command code = A1h
When receiving the FAST INVENTORY READ command, NTAG 5 link behaves the
same as the INVENTORY READ command with the following exceptions:
The data rate in the direction NTAG 5 link to the reader is twice as defined in ISO/IEC
15693 depending on the Datarate_flag 53 kbit (high data rate) or 13 kbit (low data rate).
The data rate from the reader to NTAG 5 link and the time between the rising edge of the
EOF from the reader to NTAG 5 link remains unchanged (stays the same as defined in
ISO/IEC 15693).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com