Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 35Page - NXP Semiconductors NTP53X2 Datasheet HTML 36Page - NXP Semiconductors NTP53X2 Datasheet HTML 37Page - NXP Semiconductors NTP53X2 Datasheet HTML 38Page - NXP Semiconductors NTP53X2 Datasheet HTML 39Page - NXP Semiconductors NTP53X2 Datasheet HTML 40Page - NXP Semiconductors NTP53X2 Datasheet HTML 41Page - NXP Semiconductors NTP53X2 Datasheet HTML 42Page - NXP Semiconductors NTP53X2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
39 / 133
Table 57. Event Detection Clear Register Location (ED_INTR_CLEAR_REG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
ABh
10ABh
ED_INTR_
CLEAR_REG
RFU
Table 58. Event Detection Clear Register (ED_INTR_CLEAR_REG)
Bit
Name
Value
Description
7 to 1
RFU
all 0b
0
ED_INTR_CLEAR
1b
write 1b to release ED pin
ED pin is cleared i.e. released when writing 01h to the ED clear register. The bit gets
automatically cleared after clearing the ED pin.
8.1.3.20 I2C slave configuration settings
I2C slave functionality can be configured with the following configuration registers from
both interfaces.
Table 59. I2C Slave Configuration Location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Eh
103Eh
I2C_SLAVE_ADDR
I2C_SLAVE_CONFIG
I2C_MASTER_
SCL_LOW
I2C_MASTER_
SCL_HIGH
Table 60. I2C Slave Configuration Definition (I2C_SLAVE_ADDR)
Bit
Name
Value
Description
7
RFU
0b
6 to 0
I2C_SLAVE_ADDR
54h
I2C slave address used in slave configuration
Table 61. I2C Slave Configuration Definition (I2C_SLAVE_CONFIG)
Bit
Name
Value
Description
7 to 3
RFU
00000b
0b
Slave does not reset if repeated start is received (Default)
2
I2C_S_REPEATED_START
1b
I2C slave resets internal state machine on repeated start
1
RFU
0b
0
RFU
0b
8.1.3.21 I2C master clock configuration settings
I2C Master baud rate and SCL high and low can be configured by the related
configuration values.
Details about the formula can be found in I2C master section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com