Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors NTP53X2 Datasheet HTML 19Page - NXP Semiconductors NTP53X2 Datasheet HTML 20Page - NXP Semiconductors NTP53X2 Datasheet HTML 21Page - NXP Semiconductors NTP53X2 Datasheet HTML 22Page - NXP Semiconductors NTP53X2 Datasheet HTML 23Page - NXP Semiconductors NTP53X2 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
20 / 133
Block Address
Sec.
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
N/A
9Fh
109Fh
8.1.3.1 Originality Signature
The Originality signature (see Section 8.8) is stored in first 8 blocks (block 00h to
block 07h) of configuration memory and may be verified by the NFC device using the
corresponding ECC public key. As the NXP originality signature is on default not locked,
it may be re-programmed by the customer. If the originality check is not needed, it may
even be used as additional 32 byte user EEPROM.
Table 12. 32 Byte Originality Signature
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
00h
1000h
SIG0 (LSB)
SIG1
SIG2
SIG3
01h
1001h
SIG4
SIG5
SIG6
SIG7
02h
1002h
SIG8
SIG9
SIG10
SIG11
03h
1003h
SIG12
SIG13
SIG14
SIG15
04h
1004h
SIG16
SIG17
SIG18
SIG19
05h
1005h
SIG20
SIG21
SIG22
SIG23
06h
1006h
SIG24
SIG25
SIG26
SIG27
07h
1007h
SIG28
SIG29
SIG30
SIG31 (MSB)
8.1.3.2 Configuration Header
The Configuration Header (CH) byte defines the access conditions of both, Customer ID
and Originality Signature.
Table 13. Configuration Header (CH) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
08h
1008h
CH
RFU
Configuration Header byte can be read with READ CONFIG command (see
Section 8.2.3.2.1) and written with WRITE CONFIG command (see Section 8.2.3.2.2).
Once locked (set to E7h), CH byte cannot be updated anymore and Originality Signature
and Customer ID gets locked permanently from NFC perspective.
From I2C perspective this block can be read and written if not locked by the I2C section
lock. Once locked, CH byte cannot be updated anymore and Originality Signature and
CID gets locked permanently from I2C perspective.
Table 14. Configuration Header Codes
Value
Mode
Write Access
81h
Writeable (default)
Yes
E7h
Locked
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com