Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 17Page - NXP Semiconductors NTP53X2 Datasheet HTML 18Page - NXP Semiconductors NTP53X2 Datasheet HTML 19Page - NXP Semiconductors NTP53X2 Datasheet HTML 20Page - NXP Semiconductors NTP53X2 Datasheet HTML 21Page - NXP Semiconductors NTP53X2 Datasheet HTML 22Page - NXP Semiconductors NTP53X2 Datasheet HTML 23Page - NXP Semiconductors NTP53X2 Datasheet HTML 24Page - NXP Semiconductors NTP53X2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
21 / 133
Value
Mode
Write Access
All others
Invalid
No
8.1.3.3 Customer ID (CID)
The Customer ID at delivery is C000h and can be reprogrammed and locked. It might be
used to identify the product.
The two most significant bits (b7 and b6 of CID (MSB)) are always equal to 11b. Only
CID[13-0] may be written by customer. Note, that other values of the two most significant
bits are RFU.
When the CID is written with WRITE CONFIG command, the 2 most significant bits are
always set to 11b. The input CID in WRITE CONFIG command (see Section 8.2.3.2.2) is
bit wise ORed with C000h.
As long as not locked by the I2C section lock, CID maybe updated from I2C perspective
with the same logic as from NFC perspective.
Example: When setting CID to 10AAh, resulting customer-specific CID is D0AAh.
Table 15. Customer ID (CID) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
09h
1009h
CID (LSB)
CID (MSB)
RFU
The CID can be permanently locked by setting the Configuration Header to Locked state
(see Table 14) using WRITE CONFIG command. Note, that Originality Signature gets
locked, too.
8.1.3.4 NFC Global Crypto Header
The NFC Global Crypto Header (NFC_GCH) defines the status and access of the
• NFC passwords in plain password mode and all other NFC features listed below
• NFC Keys
• NFC Protection Pointer
• NFC Protection Pointer Conditions
• NFC Key Headers
• NFC Key Privileges
• NFC Crypto Configuration Header
• EAS and AFI protection
As long as not locked by the RF section lock, the NFC Global Crypto Header can be
written with WRITE CONFIG command (see Section 8.2.3.2.2). The programming of
NFC Global Crypto Header can be done in only one direction from lower state to higher
independently from the interface and it is irreversible.
Same rules apply from I2C perspective, as long as not locked by the I2C section lock.
Once locked (as per table below), GCH cannot be updated anymore.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com