Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 56Page - NXP Semiconductors NTP53X2 Datasheet HTML 57Page - NXP Semiconductors NTP53X2 Datasheet HTML 58Page - NXP Semiconductors NTP53X2 Datasheet HTML 59Page - NXP Semiconductors NTP53X2 Datasheet HTML 60Page - NXP Semiconductors NTP53X2 Datasheet HTML 61Page - NXP Semiconductors NTP53X2 Datasheet HTML 62Page - NXP Semiconductors NTP53X2 Datasheet HTML 63Page - NXP Semiconductors NTP53X2 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
60 / 133
Table 111. SRAM Default Content location
Block Address
Byte 0
Byte 1
Byte 2
Byte 3
NFC
I2C
45h
1045h
SRAM_DEF00
SRAM_DEF01
SRAM_DEF02
SRAM_DEF03
...
...
...SRAM_DEF...
54h
1054h
SRAM_DEF60
SRAM_DEF61
SRAM_DEF62
SRAM_DEF63
8.2 NFC interface
The definition of the NFC interface is according to the ISO/IEC 15693 and NFC Forum
Type 5 Tag. The details of passive communication mode are described in Section 8.2.1.
Supported bitrates for different modes and communication directions are listed in tables
below.
Table 112. Bit rates from reader to tag
Mode
Condition
1.66 kbps 26 kbps
passive
NFC only
yes
yes
passive
VCC supplied
yes
yes
Table 113. Bit rates from tag to reader
Mode
Condition
6 kbps
26 kbps 53 kbps
passive
single subcarrier
yes
yes
yes
passive
dual subcarrier
yes
yes
no
8.2.1 Passive communication mode
Main uses cases for passive communication mode are Smart Metering, Home
automation and in the box configuration. With antenna sizes of Class 4 or bigger, energy
harvesting on the one side and long-distance read/write access to the EEPROM is
possible in a very efficient way.
8.2.2 State diagram and state transitions
The state diagram illustrates the different states and state transitions of NTAG 5 link.
The SELECTED SECURE state is only available for NTP5332, when AES security is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com