Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 82Page - NXP Semiconductors NTP53X2 Datasheet HTML 83Page - NXP Semiconductors NTP53X2 Datasheet HTML 84Page - NXP Semiconductors NTP53X2 Datasheet HTML 85Page - NXP Semiconductors NTP53X2 Datasheet HTML 86Page - NXP Semiconductors NTP53X2 Datasheet HTML 87Page - NXP Semiconductors NTP53X2 Datasheet HTML 88Page - NXP Semiconductors NTP53X2 Datasheet HTML 89Page - NXP Semiconductors NTP53X2 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
86 / 133
When receiving WRITE SRAM desired SRAM blocks will be written to the SRAM. It is
recommended to use this command in pass-through mode because of performance
reasons.
If SRAM is write protected a valid authentication needs to be preceded.
The blocks are numbered from 00h to 3Fh. The number of blocks in the request is one
less than the number of blocks that the VICC shall write. E.g., to write one block to SRAM
Number of Blocks is coded as 00h.
Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC
15693 write-alike commands.
Table 183. WRITE SRAM request format
Flags
WRITE
SRAM
IC Mfg
code
UID
Block
Address
Number of
blocks
Data
CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits
8 bits
(Number of
blocks + 1)
times 32 bits
16 bits
Table 184. WRITE SRAM response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 185. WRITE SRAM response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.7 Originality Signature
8.2.3.7.1 READ SIGNATURE
Command code = BDh
The READ SIGNATURE command returns an IC-specific, 32 byte ECC signature. How
to change and / or lock the originality signature is described in Section 8.8.
Only Option_flag = 0b is supported.
Table 186. READ SIGNATURE request format
Flags
READ
SIGNATURE
Manuf. code
UID
CRC16
8 bits
8 bits
8 bits
64 bits (optional)
16 bits
Table 187. READ SIGNATURE response format when Error_flag is NOT set
Flags
Originality Signature
CRC16
8 bits
256 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com