Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 40Page - NXP Semiconductors NTP53X2 Datasheet HTML 41Page - NXP Semiconductors NTP53X2 Datasheet HTML 42Page - NXP Semiconductors NTP53X2 Datasheet HTML 43Page - NXP Semiconductors NTP53X2 Datasheet HTML 44Page - NXP Semiconductors NTP53X2 Datasheet HTML 45Page - NXP Semiconductors NTP53X2 Datasheet HTML 46Page - NXP Semiconductors NTP53X2 Datasheet HTML 47Page - NXP Semiconductors NTP53X2 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
44 / 133
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0001h
0002h
...
...
...
...
...
004Fh
0050h
0051h
...
...
...
...
...
01FEh
AREA_0-H
01FFh
C0
C1
00h
PROT
Counter
8.1.3.29 NFC Protection Pointer Conditions
The NFC Protection Pointer Conditions (NFC PPC) can be configured using PROTECT
PAGE command (see Section 8.2.3.3.6) or directly writing NFC_PPC byte to
configuration memory using WRITE CONFIG command (see Section 8.2.3.2.2) as
defined in table below.
Table 76. NFC Protection Pointer Conditions (NFC_PPC) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
58h
1058h
NFC_PP_AREA_0H
NFC_PPC
RFU
RFU
Table 77. NFC Protection Pointer Configuration (NFC_PPC)
Bit
Name
Value
Description
7
RFU
0b
6
RFU
0b
0b
AREA_0-H is not write protected (Default)
5
Write AREA_0_H
1b
AREA_0-H is write protected
0b
AREA_0-H is not read protected (Default)
4
Read AREA_0_H
1b
AREA_0-H is read protected
3
RFU
0b
2
RFU
0b
0b
AREA_0-L is not write protected (Default)
1
Write AREA_0_L
1b
AREA_0-L is write protected
0b
AREA_0-L is not read protected (Default)
0
Read AREA_0_L
1b
AREA_0-L is read protected
8.1.3.30 NFC lock bytes
User blocks can be blocked from writing by the NFC interface. These bits are one time
programmable. Once written to 1b, they cannot be changed back to 0b. Each bit locks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com