Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 85Page - NXP Semiconductors NTP53X2 Datasheet HTML 86Page - NXP Semiconductors NTP53X2 Datasheet HTML 87Page - NXP Semiconductors NTP53X2 Datasheet HTML 88Page - NXP Semiconductors NTP53X2 Datasheet HTML 89Page - NXP Semiconductors NTP53X2 Datasheet HTML 90Page - NXP Semiconductors NTP53X2 Datasheet HTML 91Page - NXP Semiconductors NTP53X2 Datasheet HTML 92Page - NXP Semiconductors NTP53X2 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
89 / 133
Table 191. WRITE I2C response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 192. WRITE I2C response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.8.2 READ I2C
Command code = D5h
READ I2C command is used to trigger an I2C master read command (R/W bit is 1b) on
the I2C bus.
Command parameters:
• I2C param contains I2C address and STOP condition option
• Data length N byte codes the length of bytes to be read from the slave. N+1 bytes will
be read from the slave. E.g., to read one byte 00h needs to be coded. Maximum is
FFh, which means 256 bytes will be read.
Response to this command will follow immediately.
The status register Table 106 indicates when the I2C read command is completed.
To get the response of the addressed I2C slave device, the READ SRAM (see
Section 8.2.3.6.1) command is used.
Only Option_flag = 0b is supported.
Table 193. READ I2C request format
Flags
READ
I2C
IC Mfg
code
UID
I2C
param
Data length
CRC16
8 bits
8 bits
8 bits
64 bits
optional
8 bits
8 bits
16 bits
Table 194. I2C param byte
Bit
Status
Value Description
0b
STOP condition will be generated at the end of transaction
7
Disable STOP condition
1b
STOP condition will be omitted at the end of transaction
6 to 0
I2C Address
xxh 7-bit I2C slave address of connected slave
Table 195. READ I2C response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com