Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 93Page - NXP Semiconductors NTP53X2 Datasheet HTML 94Page - NXP Semiconductors NTP53X2 Datasheet HTML 95Page - NXP Semiconductors NTP53X2 Datasheet HTML 96Page - NXP Semiconductors NTP53X2 Datasheet HTML 97Page - NXP Semiconductors NTP53X2 Datasheet HTML 98Page - NXP Semiconductors NTP53X2 Datasheet HTML 99Page - NXP Semiconductors NTP53X2 Datasheet HTML 100Page - NXP Semiconductors NTP53X2 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
97 / 133
NTAG 5
Bit
Name
Description
NTP5210
NTP5312
NTP5332
NTA5332
0
TAG AUTH
Tag Authentication feature supported (see
Section 8.6.4)
0b
1b
Table 223. Feature flags byte 3
NTAG 5
Bit
Name
Description
NTP5210
NTP5312
NPT5332
NTA5332
7
EXT FLAG
Additional 32 bits feature flags are
transmitted
0b
00b only NFC interface available
01b GPIO/ED host interface
10b RFU
6-5
Interface
11b GPIO and I2C host interface
01b
11b
4
RFU
0b
3 to 0
NUM KEYS
Number of Keys
0h
4h
Table 224. GET NXP SYSTEM INFORMATION response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.9.15 PICK RANDOM ID
Command code = C2h
In AES mode the PICK RANDOM ID commandinstructs NTAG 5 link in NFC PRIVACY
Mode to generate a random ID. After a valid PICK RANDOM ID command, the IC will
respond with that random ID on following INVENTORY commands or GET SYSTEM
INFORMATION command until an RF reset to allow an anti-collision procedure.The
random ID will include the CID to identify the group-password or group-key to disable the
privacy mode.
Only Option_flag = 0b is supported.
Table 225. PICK RANDOM ID request format
Flags
Pick Random ID Manuf. code
UID
CRC16
8 bits
8 bits
8 bits
64 bits (optional)
16 bits
Table 226. PICK RANDOM ID response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com