Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 73Page - NXP Semiconductors NTP53X2 Datasheet HTML 74Page - NXP Semiconductors NTP53X2 Datasheet HTML 75Page - NXP Semiconductors NTP53X2 Datasheet HTML 76Page - NXP Semiconductors NTP53X2 Datasheet HTML 77Page - NXP Semiconductors NTP53X2 Datasheet HTML 78Page - NXP Semiconductors NTP53X2 Datasheet HTML 79Page - NXP Semiconductors NTP53X2 Datasheet HTML 80Page - NXP Semiconductors NTP53X2 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
77 / 133
• Mutual Authentication (MAM1, MAM2)
After receiving a valid AUTHENTICATE command, NTAG 5 link calculates the response
and as soon as the calculation is finalized, the response with the result of the crypto
calculation (b3 flag is set) is sent. Only for tag authentication the calculation result is
additionally stored in the response buffer (b2 flag is set).
NTAG 5 link supports the Crypto Suite AES128 as defined in ISO/IEC 29167-10.
Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC
15693 write-alike commands.
Table 156. AUTHENTICATE request format
Flags
AUTHENTICATE UID
CSI
Message
CRC16
8 bits
8 bits
64 bits (optional)
8 bits
Depending on
TAM1 (96 bit),
MAM1 (96 bit) or
MAM2 (136 bit)
16 bits
Table 157 defines the response of NTAG 5 link to an AUTHENTICATE command.
For more detailed information, refer to ISO/IEC 29167-10.
Table 157. AUTHENTICATE response format when Error_flag is NOT set(in process reply)
Flags
Barker Code
TResponse
CRC16
8 bits (b2 and b3 is set)
8 bits (Done flag is set)
Depending on TAM1 (128
bit), MAM1(176 bit) or MAM2
(0 bit)
16 bits
Table 158. AUTHENTICATE response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
Tag Authentication (TAM1)
Table 159 defines the message within the AUTHENTICATE command for tag
authentication (TAM1).
For more detailed information, refer to ISO/IEC 29167-10.
Table 159. Message format for TAM1
AuthMethode
CustomData
TAM1_RFU
KeyID
IChallenge_TAM1
# of bits
2
1
5
8
80
Description
00b
0b
00000b
[7:0]
random interrogator challenge
Table 160 defines the response of NTAG 5 link to an AUTHENTICATE command.
For more detailed information, refer to ISO/IEC 29167-10.
Table 160. TResponse for TAM1
TResponse TAM1 (128 bit)
AES-ECB-ENC(Key[KeyID].ENC_key,C_TAM1[15:0] || TRnd_TAM1[31:0] || IChallenge_TAM1[79:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com