Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 84Page - NXP Semiconductors NTP53X2 Datasheet HTML 85Page - NXP Semiconductors NTP53X2 Datasheet HTML 86Page - NXP Semiconductors NTP53X2 Datasheet HTML 87Page - NXP Semiconductors NTP53X2 Datasheet HTML 88Page - NXP Semiconductors NTP53X2 Datasheet HTML 89Page - NXP Semiconductors NTP53X2 Datasheet HTML 90Page - NXP Semiconductors NTP53X2 Datasheet HTML 91Page - NXP Semiconductors NTP53X2 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
88 / 133
aaa-035482
RF
READER
RF sends custom I2C read
command.
RF to I2C Master read communication sequences
RF polls for I2C Master
session registers to know
the current I2C
transaction status.
IC stores
the data
in SRAM.
IC initiates I2C
transaction. I2C Master
sends I2C read
command to the
specified slave address.
RF reads data
from SRAM.
I2C
INTERFACE
Figure 8. I2C Master read principle
8.2.3.8.1 WRITE I2C
Command code = D4h
WRITE I2C command is used to trigger an I2C master write command (R/W bit is 0b) on
the I2C bus.
Command parameters:
• I2C param contains I2C slave address and STOP condition option.
• Data length N byte codes the length of bytes to be sent to the slave. N+1 bytes need to
be put in the Data field and will be sent to the slave. E.g., to send one byte, 00h needs
to be coded.
• Data field contains the data to be sent to the I2C slave. Minimum number of bytes is 1
byte, maximum is 256 bytes.
If SRAM is read or write protected a valid authentication needs to be preceded.
Response to this command will follow immediately.
To check the status and result of the WRITE I2C command, I2C Master Status Registers
ADh should be checked (see Table 106).
Only Option_flag = 0b is supported.
Table 189. WRITE I2C request format
Flags
WRITE I2C
Manuf. code UID
I2C param
Data length
N
Data
CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits
8 bits
(N+1) x 8 bits 16 bits
Table 190. I2C param byte
I2C param bit Status
Value Description
0b
STOP condition will be generated at the end of transaction
7
Disable STOP condition
1b
STOP condition will be omitted at the end of transaction
6 to 0
I2C Address
xxh
7-bit I2C slave address of connected slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com