Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 25Page - NXP Semiconductors NTP53X2 Datasheet HTML 26Page - NXP Semiconductors NTP53X2 Datasheet HTML 27Page - NXP Semiconductors NTP53X2 Datasheet HTML 28Page - NXP Semiconductors NTP53X2 Datasheet HTML 29Page - NXP Semiconductors NTP53X2 Datasheet HTML 30Page - NXP Semiconductors NTP53X2 Datasheet HTML 31Page - NXP Semiconductors NTP53X2 Datasheet HTML 32Page - NXP Semiconductors NTP53X2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
29 / 133
Table below shows the location of the I2C Key Header Configuration in the configuration
memory:
Table 30. I2C Key Header (I2C_KH) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
30h
1030h
I2C_KH
RFU
Table 31. I2C Key Header Values
Value
Status
Description
81h
Not active
(default)
The related I2C passwords, I2C Protection Pointer and I2C Protection Pointer
Condition can be read and written with the I2C READ and I2C WRITE commands.
The related password is not active and cannot be used.
C3h
Active
The I2C passwords are active. After authentication with write key the I2C_PP,
I2C_PPC and Key header can be written and I2C Keys can be read or written.
E7h
Active and locked The I2C key is active and locked and cannot be modified any longer. The related key
cannot be read or written with the I2C READ or I2C WRITE command. The I2C_PP
and I2C_PPC can be read with the READ command, but writing with the WRITE
command is not possible any longer.
all other
Disabled
Key is disabled and cannot be used
8.1.3.11 I2C Protection Pointer and Condition
The I2C Protection pointer (I2C_PP) defines the address of the user memory where
the user memory below PP_AREA_1 is divided into AREA_0-L and AREA_0-H, two
arbitrarily sized sections with independent access conditions, which are defined by
condition byte (I2C_PPC).
The NFC interface can access this configuration block with READ CONFIG and WRITE
CONFIG commands if not locked by NFC section lock.
Table 32. I2C Protection Pointer and Configuration location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
31h
1031h
I2C_PP
I2C_PPC
RFU
RFU
The protection pointer address (I2C_PP) defines the base address where the user
memory below PP_ARA_1 is divided into higher and lower sections.
• The memory address below protection pointer address is called I2C AREA_0-L.
• The memory address above and including protection pointer address is called I2C
AREA_0-H
• I2C AREA_0-H ends, where AREA_1 starts. Note it is the same position (PP_AREA_1)
as from NFC perspective (see Section 8.1.3.24).
Below is an example where the memory is divided into to areas with I2C_PP address
set to 0050h. In this example PP_AREA_1 is pointing outside the user EEPROM, which
means I2C AREA_0-H ends at the end of the user memory.
Default value of I2C_PP is FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com