Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 45Page - NXP Semiconductors NTP53X2 Datasheet HTML 46Page - NXP Semiconductors NTP53X2 Datasheet HTML 47Page - NXP Semiconductors NTP53X2 Datasheet HTML 48Page - NXP Semiconductors NTP53X2 Datasheet HTML 49Page - NXP Semiconductors NTP53X2 Datasheet HTML 50Page - NXP Semiconductors NTP53X2 Datasheet HTML 51Page - NXP Semiconductors NTP53X2 Datasheet HTML 52Page - NXP Semiconductors NTP53X2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
49 / 133
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Remark
A4h
10A4h
PWM0_ON_OFF_REG
PWM1
Configuration (see
Section 8.1.4.5)
A5h
10A5h
PWM1_ON_OFF_REG
PWM1
Configuration (see
Section 8.1.4.5)
A6h
10A6h
WDT_CONFIG_REG
RFU
Watch Dog Timer
Configuration (see
Section 8.1.4.6)
A7h
10A7h EH_CONFIG_REG
RFU
Energy Harvesting
Configuration (see
Section 8.1.4.7)
A8h
10A8h ED_CONFIG_REG
RFU
Event detection
functionality (see
Section 8.1.4.8)
A9h
10A9h
I2C_SLAVE_CONFIG_REG
RFU
I2C Slave
Configuration (see
Section 8.1.4.9)
AAh
10AAh
RESET_
GEN_REG
RFU
Reset
Register (see
Section 8.1.4.10)
ABh
10ABh
ED_INTR_
CLEAR_REG
RFU
Clear Event
Detection (see
Section 8.1.4.11)
ACh
10ACh
I2C_M_S_
ADD_REG
I2C_M_LEN_REG
RFU
RFU
I2C Master
Configuration (see
Section 8.1.4.12)
ADh
10ADh
I2C_M_
STATUS_REG
RFU
I2C Master
Configuration (see
Section 8.1.4.12)
AEh
10AEh
RFU
AFh
10AFh
RFU
8.1.4.1 Status register
Different status of NTAG 5 link can be known by reading status register. The status
register can be read by READ_CONFG.
Some of the registers may be cleared. Setting status bits to 1b is not possible at all.
Table 86. Status Register Location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A0h
10A0h
STATUS0_REG
STATUS1_REG
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com