Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 1 Page - NXP Semiconductors

  NTP53X2 Datasheet HTML 1Page - NXP Semiconductors NTP53X2 Datasheet HTML 2Page - NXP Semiconductors NTP53X2 Datasheet HTML 3Page - NXP Semiconductors NTP53X2 Datasheet HTML 4Page - NXP Semiconductors NTP53X2 Datasheet HTML 5Page - NXP Semiconductors NTP53X2 Datasheet HTML 6Page - NXP Semiconductors NTP53X2 Datasheet HTML 7Page - NXP Semiconductors NTP53X2 Datasheet HTML 8Page - NXP Semiconductors NTP53X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
Rev. 3.3 — 3 July 2020
Product data sheet
544533
COMPANY PUBLIC
1 General description
Optimized for sensor-driven applications, this highly integrated NFC IC creates a secure,
standard-based link from the device to the cloud, in a future proof way to address and
even power sensors.
NTAG 5 link is available in two different variants (see Section 4). NTP5332 supports all
features of NTP5312, and on top of these, it offers also I2C master features, as well as
AES mutual authentication.
NXP's NTAG 5 link lets designers of sensor-equipped systems add an NFC interface
with a wired host interface that’s configurable as an I2C master/slave, a pulse width
modulator (PWM), or a general-purpose I/O (GPIO). Operating at 13.56 MHz, it is an
NFC Forum-compliant Type 5 Tag (customer development board is NFC Forum certified
- Certification ID: 58626) that can be read and written by an NFC-enabled device at close
range and by an ISO/IEC 15693-enabled industrial reader over a longer range.
aaa-034224
SRAM
EEPROM
TRANSPARENT I2C MASTER CHANNEL
energy harvesting
energy
data
event detection
1
1
l2C
1
0
0
0
energy
data
e.g
T SENSOR
MCU
Figure 1. NTAG 5 link overview
The NTAG 5 link can act as a direct bridge between an NFC-enabled device and any I2C
slave, such as a sensor or external memory. This is especially useful in environments
that require zero-power, single-shot measurements.
With NTAG 5 link, the device can connect to the cloud with a single tap. The connection
uses an NFC Forum-compliant data exchange mechanism involving SRAM to ensure
highly interoperable data transfers.
Support for ISO/IEC 15693 lets the NTAG 5 link communicate securely in two ways: with
powerful industrial readers, at a range of up to 60 cm and with NFC-enabled devices
in proximity range. This duality makes it possible for the device to be calibrated and
parameterized automatically while in the factory and then, when put to be used in the
field, safely communicate with contactless devices such as mobile phones.
NTAG 5 link offers 2048 bytes (16384 bits) bytes of memory which can be divided
into three areas, and each area can use a different protection level, varying from no


Similar Part No. - NTP53X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTP5210 NXP-NTP5210 Datasheet
868Kb / 89P
NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0FUAV NXP-NTP52101G0FUAV Datasheet
868Kb / 89P
NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JHKZ NXP-NTP52101G0JHKZ Datasheet
868Kb / 89P
NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JTTZ NXP-NTP52101G0JTTZ Datasheet
868Kb / 89P
NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NTP52101G0JTZ NXP-NTP52101G0JTZ Datasheet
868Kb / 89P
NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
More results

Similar Description - NTP53X2

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
NTA5332 NXP-NTA5332 Datasheet
1Mb / 133P
NTAG 5 boost - NFC Forum-compliant I2C bridge for tiny devices
Rev. 3.3 ??3 July 2020
NTP5210 NXP-NTP5210 Datasheet
868Kb / 89P
NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
NT3H2111_2211 NXP-NT3H2111_2211 Datasheet
866Kb / 84P
NTAG I2C plus: NFC Forum T2T with I2C interface, password protection and energy harvesting
Rev. 3.6 - 21 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com